Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVDA28LC Datasheet(PDF) 2 Page - Protek Devices

Part # SLVDA28LC
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVDA28LC Datasheet(HTML) 2 Page - Protek Devices

  SLVDA28LC Datasheet HTML 1Page - Protek Devices SLVDA28LC Datasheet HTML 2Page - Protek Devices SLVDA28LC Datasheet HTML 3Page - Protek Devices SLVDA28LC Datasheet HTML 4Page - Protek Devices SLVDA28LC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05143.R6 4/05
SLVDA2.8LC
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
Peak Pulse Current (t
p = 8/20µs)
Lead Soldering Temperature
Operating Temperature
SYMBOL
VALUE
°C
°C
A
Watts
UNITS
260°C (10 Sec)
30
600
TJ
IPP
PPP
TSTG
PARAMETER
Storage Temperature
TII
-55°C to 150°C
-55°C to 150°C
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MINIMUM
SNAP BACK
VOLTAGE
@ I
SB
= 50mA
V
SB
VOLTS
SLVDA2.8LC
LV2.8
2.8
3.0
2.8
4.6
TYPICAL
CAPACITANCE
@0V, 1MHz
C
pF
6.2
5
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@I
P = 5A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 42)
@8/20µs
V
C @ IPP
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
21.0V@30.0A
1.0
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
10
100
1,000
10,000
600W, 8/20µs Waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com