Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVDA28LC Datasheet(PDF) 4 Page - Protek Devices

Part # SLVDA28LC
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVDA28LC Datasheet(HTML) 4 Page - Protek Devices

  SLVDA28LC Datasheet HTML 1Page - Protek Devices SLVDA28LC Datasheet HTML 2Page - Protek Devices SLVDA28LC Datasheet HTML 3Page - Protek Devices SLVDA28LC Datasheet HTML 4Page - Protek Devices SLVDA28LC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05143.R6 4/05
SLVDA2.8LC
APPLICATION NOTE
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following guidelines
are recommended:
✔
The protection device should be placed near the
input terminals or connectors, the device will divert
the transient current immediately before it can be
coupled into the nearby traces.
✔
The path length between the TVS device and the
protected line should be minimized.
✔
All conductive loops including power and ground
loops should be minimized.
✔
The transient current return path to ground should
be kept as short as possible to reduce parasitic
inductance.
✔
Ground planes should be used whenever possible.
For multilayer PCBs, use ground vias.
Figure 1: Bidirectional Common-Mode Protection
Figure 2: Bidirectional Differential-Mode Protection
Electronic equipment is susceptible to damage caused by Electrostatic Discharge (ESD), Electrical Fast Transients (EFT), and tertiary lightning effects.
Knowing that equipment can be damaged, the SLVDA2.8LC was designed to provide the level of protection required to safe guard sensitive high
speed data circuits. This product can be used to provide a level of protection to meet bidirectional requirements either in a common-mode or
differential-mode configuration.
BIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
The SLVDA2.8LC can provide up to four (4) lines of protection in a common-mode configuration as depicted in Figure 1.
Circuit connectivity is as follows:
✔
Line 1 is connected to pin 8
✔
Line 2 is connected to pin 7
✔
Line 3 is connected to pin 6
✔
Line 4 is connected to pin 5
✔
Pins 1, 2, 3, and 4 are connected to ground
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION (Figure 2)
The SLVDA2.8LC can provide up to four line pairs (4) of protection in a differential-mode configuration as depicted in Figure 2.
Circuit connectivity is as follows:
✔
Line Pair # 1 is connected to pin 8 and 1
✔
Line Pair # 2 is connected to pin 7 and 2
✔
Line Pair # 3 is connected to pin 5 and 4
✔
Line Pair # 4 is connected to pin 6 and 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com