Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVDA2.8LC Datasheet(PDF) 1 Page - Protek Devices

Part # SLVDA2.8LC
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVDA2.8LC Datasheet(HTML) 1 Page - Protek Devices

  SLVDA2.8LC Datasheet HTML 1Page - Protek Devices SLVDA2.8LC Datasheet HTML 2Page - Protek Devices SLVDA2.8LC Datasheet HTML 3Page - Protek Devices SLVDA2.8LC Datasheet HTML 4Page - Protek Devices SLVDA2.8LC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SLVDA2.8LC
1
05143.R6 4/05
www.protekdevices.com
ULTRA LOW CAPACITANCE TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Ethernet - 10/100/1000 Base T
✔ Cellular Phone Base Stations
✔ Switching Stations
✔ Audio/Video Inputs
✔ Handheld Devices
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Ground) & Level 3(Line-Line)
FEATURES
✔ 600 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ Provides Protection for Four (4) Line Pairs
✔
✔
✔
✔
✔ LOW LEAKAGE CURRENT < 1.0µA
✔
✔
✔
✔
✔ ULTRA LOW CAPACITANCE: 1.25pF
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-8
✔ Weight 70 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 12mm Tape and Reel Per EIA Standard 481
✔ Device Marking: Marking Code, Logo, Date Code & Pin One Defined By DOT on Package
PIN CONFIGURATION
SO-8
1
2
4
8
3
5
6
7


Similar Part No. - SLVDA2.8LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVDA2.8LC PROTEC-SLVDA2.8LC Datasheet
707Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_11 Datasheet
707Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_12 Datasheet
709Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SLVDA2.8LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com