Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE-CAP1 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AE-CAP1
Description  Application Example for Capacitive Touch (AE-CAP1)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AE-CAP1 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AE-CAP1 Datasheet HTML 35Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 36Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 37Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 38Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 39Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 40Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 41Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 42Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Application Example for Capacitive Touch (AE-CAP1)
5. Circuitry
R12UM0011EU0100 Rev.1.00
Page 39 of 46
May 8, 2017
Pin
S1 Board
Connection
S3 Board
Connection
BWS Board
Connection
MC Board
Connection
SC Board
Connection
34
P4_2/TS18
P2_6/TS1
W-11
RxC2
ST28
35
N.C.
N.C.
N.C.
N.C.
N.C.
36
P4_3/TS17
P2_4/TS0
W-10
RxC3
ST29
37
N.C.
N.C.
N.C.
N.C.
N.C.
38
N.C.
N.C.
N.C.
N.C.
N.C.
39
N.C.
N.C.
N.C.
N.C.
N.C.
40
N.C.
N.C.
N.C.
N.C.
N.C.
Notes: 1. BWS Application Board B# are buttons, S-# are slider pads, W-# are wheel pattern pads.
2. MC Application Board TxR# are excitation signals from the Target Board to couple into # button row, RxC#
are the coupled signal from each column through the excited buttons for detection by the Target Board.
3. SC Application Board – note that when the S1 Target Board is in use, there are two inoperable buttons at the
top right corner of the button array, due to touch-sense signal count limitations, buttons ST24 and ST25.
5.10
USB device
The USB Micro-B connection jack connects the MCU to an external USB Host, FS capable, and receives power from the
host PC.
Table 15
USB device connector
USB device connector
AE-CAP1-S1
AE-CAP1-S3
Pin
Description
Signal/Bus
Signal/Bus
1
+5VDC, connected to +5VUSB,
also includes a sense voltage 2/3
divider to allow MCU sensing
+5VUSB
P4_7/USB_VBUS = 2/3 VUSB
+5VUSB
P4_7/USB_VBUS = 2/3 VUSB
2
Data-
USB_DM
USB_DM
3
Data+
USB_DP
USB_DP
4
USB ID, jack internal switch, cable
inserted
N.C.
N.C.
5
Ground
GND
VSS
5.11
J-Link OB USB
The USB Micro-B connection jack connects the J-Link MCU to an external USB
Host, FS capable, allowing re-programming and debugging of the target MCU
firmware. Power for the Target Boards is not received from this connector.
Table 16
J-Link USB connector (J14)
J-Link OB USB Connector
AE-CAP1-S1
AE-CAP1-S3
Pin
Description
Signal/Bus
Signal/Bus
1
+5VDC
N.C.
N.C.
2
Data-
J-Link MCU USB0_DM
J-Link MCU USB0_DM
3
Data+
J-Link MCU USB0_DP
J-Link MCU USB0_DP
4
USB ID, jack internal switch, cable inserted
N.C.
N.C.
5
Ground
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com