Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE-CAP1 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AE-CAP1
Description  Application Example for Capacitive Touch (AE-CAP1)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AE-CAP1 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AE-CAP1 Datasheet HTML 9Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 10Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 11Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 12Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 13Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 14Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 15Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 16Page - Renesas Technology Corp AE-CAP1 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Application Example for Capacitive Touch (AE-CAP1)
2. Getting Started
R12UM0011EU0100 Rev.1.00
Page 13 of 46
May 8, 2017
2. Getting Started
The AE-CAP1 includes the two Target Boards, three Touch Application Boards, two 3 foot (91cm) USB Type A to
Micro-B adapter cables, a documentation and software DVD, and the QSG. To start working with the AE-CAP1, see the
included QSG.
On the Touch Application Boards, overlays are installed with plastic fasteners. Attempts to
remove and/or reinstall such elements may damage fasteners, boards, or board
components, and impact kit functional performance. Care should be taken if such removal
is undertaken, with plastic surfaced tools preferred to minimize damage or degradation to
the board and its components. Replacement of removed overlays will likely require new
overlay fasteners. See the BOM for part numbers.
Figure 6 AE-CAP1
2.1
Powering the AE-CAP1
Prior to providing power to the selected Target Board using one of the two power options, the power jumper J2 in the
“5V ONLY” labeled region of the AE-CAP1-S1 or S3 Target Board must be properly installed. For operation from the
USB Device 2.0 cable power, the lower two pins should be shorted together. For operation from the Barrel connector
input, the upper two pins should be shorted together.
The AE-CAP1 can be powered via two different methods:
•
Installation of a 5-V power source at the 5-V external power connection, J1, on the AE-CAP1-S1 or S3 Target Board.
Note that the outer sleeve of the barrel connector must be negative, and the center of the connector must be positive.
•
Connection of an external USB host to the USB Device 2.0 connector adjacent to the barrel jack on the AE-CAP1-S1
or S3 Target Board.
If power is available, a green LED located upper center on the Target Board should be lit, making that LED green. If the
J-Link MCU is active, it may light the red LED in the same package intermittently or solidly, making that LED appear
orange.
If the jumper is improperly positioned, connection of the USB Device 2.0 jack to a USB host does not power the Target
Board. Similarly, the 5-V barrel jack receives and uses power only if the jumper is appropriately positioned.
There is limited voltage protection on the 5-V direct power input: using a reverse-polarity barrel
plug power source may permanently damage the unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com