Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E41 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-R2E41
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E41 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-R2E41 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
CSM_E3S_DS_E_7_1
Photoelectric Sensor with Built-in Amplifier
E3S
General-purpose Photoelectric
Sensor for High Quality and Reliable
Detection
Be sure to read Safety Precautions
on page 8.
Ordering Information
General-purpose Sensors
Note: Sensors with open collectors and different frequencies are available.
*1. Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Orders for individual Emitters and Receivers are accepted.
*2. The difference between the E3S-
@@ (@@@) 41 and E3S-@@ (@@@) 42 is in the lens direction when the Sensor is mounted.
For details, refer to the dimensions that are provided on page 10 for the E3S-5E41, page 11 for the E3S-DS30E41, and page 12 for the E3S-5E42 and E3S-DS30E42.
Sensing method
Appearance
Sensing distance
Operation mode
Model
Through-beam *1
Light-ON/Dark-ON
(selectable)
E3S-2E4
Emitter
E3S-2LE4
Receiver E3S-2DE4
E3S-5E4
Emitter
E3S-5LE4
Receiver E3S-5DE4
Retro-reflective
E3S-R2E4
Diffuse-reflective
E3S-DS10E4
E3S-DS30E4
Through-beam *1
E3S-2E41
Emitter
E3S-2LE41
Receiver E3S-2DE41
E3S-5E41 (42) *2
Emitter
E3S-5LE41 (42)
Receiver E3S-5DE41 (42)
Retro-reflective
E3S-R2E41
Diffuse-reflective
E3S-DS10E41
E3S-DS30E41 (42) *2
Convergent-reflective
(narrow vision field)
E3S-LS10XE4
Convergent-reflective
(wide vision field)
E3S-LS20XE4
2 m
5 m
0.1 to 2 m
100 mm
300 mm
2 m
5 m
0.1 to 2 m
100 mm
300 mm
30 to 100 mm (variable)
50 to 250 mm (variable)


Similar Part No. - E3S-R2E41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
Photoelectric Sensor
More results

Similar Description - E3S-R2E41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com