Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2E41 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3S-R2E41
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E41 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3S-R2E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 12Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 13Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 14Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
E3S
12
Note: Models numbers for Through-beam Sensors (E3S-5E42) are for sets that include both the Emitter and Receiver.
The model number of the Emitter is expressed by adding "L" to the set model number (example: E3S-5LE42), the model number of the Receiver, by adding "D"
(example: E3S-5DE42.) Refer to Ordering Information to confirm model numbers for Emitter and Receivers.
5
5
13
11
(32)
23
20
12
1.6
(32)
23
20
22.2
12
1.6
22.2
6.5
4.2
2.1R
2.1R
4.2
5
25.4
39
1.9
63
(75)
24
7
20
20
13 dia.
6.5
4.2
2.1R
2.1R
4.2
5
25.4
39
18.6
18.6
1.9
63
(75)
7
20
20
20.4
20.4
10.2
10.2
Indicator
Two, M4
slotted hexagonal bolts
Lens: 11 dia.
13 dia.
Sensitivity adjuster
Emitter
Receiver
4-dia. vinyl-insulated round cable with 2/3 conductors
(Conductor cross section: 0.2 mm2,
Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Approx. 165 g
Two, M4
slotted hexagonal bolts
Lens: 11 dia.
Indicator
a*
* The mounting bracket can also be used on side
a.
E3S-5E42
20
5
4.2
5
1.9
6.5
4.2
20
13 dia.
22.2
10.2
20.4
12
(32)
1.6
7.1
23
20
21.5
18.6
2.1R
39
25.4
63
(75)
11
13
7
2.1R
Indicator
Two, M4
slotted hexagonal bolts
Sensitivity adjuster
Emitter
Receiver
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Approx. 165 g
Lens:
10 x 15
E3S-R2E42
E3S-DS30E42
20
6
45
45
55
5
4.9
50
16
2.1R
34
20
26
11
6
3
4.2
17
24
4.2
5
11
70
1.6
Indicator
Two, M4
slotted hexagonal bolts
Sensitivity adjuster
Emitter
Receiver
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm),
Standard length: 2 m
Weight: Approx. 225 g
Lens:
14 x 47
Distance adjuster
Optical axis
Two,
4.4 dia.
8 dia.
a*
* The mounting bracket can also be used on side
a.
E3S-LS10XE4
E3S-LS20XE4
Two, M3
20
Mounting Hole Dimensions
E3S-2E4
E3S-2E41
E3S-DS10E4
E3S-DS10E41
E3S-LS10XE4
E3S-LS20XE4
Two, M4
25.4
E3S-5E4
E3S-5E41
E3S-R2E4
E3S-R2E41 (42)
E3S-DS30E4
E3S-DS30E41 (42)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com