Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-802 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-802
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-802 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E5CC-RX2ASM-802 Datasheet HTML 9Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 10Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 11Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 12Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 13Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 14Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 15Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 16Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
Digital Temperature Controller (Simple Type)
E5EC-800
(48
× 96 mm)
Large White PV Display That’s Easier to Read.
Easy to Use, from Model Selection to
Setup and Operation.
A Complete Range of I/O Capacities,
Functions, and Performance.
Handles More Applications.
• A white LCD PV display with a height of approx. 18 mm
improves visibility.
• High-speed sampling at 50 ms.
• Models with up to 2 auxiliary outputs.
• Short body with depth of only 60 mm.
Main I/O Functions
48
× 96 mm
E5EC
Refer to Safety Precautions on page 29.
E5EC
4-digit displays
Sensor Input
• Thermocouple
• Pt
• Universal analog
current/voltage input
Indication Accuracy
• Thermocouple input:
±0.3% of PV
• Pt input: ±0.2% of PV
• Analog input: ±0.2% of FS
Sampling Period
• 50 ms
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Current output
Control Output 2
• Relay output
Auxiliary Outputs
• 2
• PF (shift) Key
• Temperature status display
• Independent heating and
cooling PID control
• Changed parameter display
• Display brightness setting
Dual displays: PV/SV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com