Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2ASM-802 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5CC-RX2ASM-802
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2ASM-802 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5CC-RX2ASM-802 Datasheet HTML 1Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 2Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 3Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 4Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 5Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 6Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 7Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 8Page - Omron Electronics LLC E5CC-RX2ASM-802 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
E5CC-800
2
Model Number Legend and Standard Models
Model Number Legend
E5CC 48x48mm
Heating and Cooling Control
● Using Heating and Cooling Control
A Control Output Assignment
An auxiliary output is used as the cooling control output.
B Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
Optional Products (Order Separately)
Terminal Covers
Note: The E53-COV10 cannot be used.
Refer to page 10 for the mounted dimensions.
Waterproof Packing
Note: This Waterproof Packing is provided with the Digital
Temperature Controller.
Current Transformers (CTs)
Adapter
Note: Use this Adapter when the panel has already been prepared for
an E5B
@ Controller.
Waterproof Cover
Note: This Cover complies with IP66 and NEMA 4X waterproofing.
Front panel: IP66 protection.
Mounting Adapter
Note: This Mounting Adapter is provided with the Digital Temperature
Controller.
Front Covers
Control output 1
Auxiliary output
Communications
Heater burnout
Event inputs
Power supply voltage
Model
Relay output
Two
-
--
100 to 240 VAC
E5CC-RX2ASM-800
Voltage output
E5CC-QX2ASM-800
Current output
E5CC-CX2ASM-800
Relay output
24 VAC/VDC
E5CC-RX2DSM-800
Voltage output
E5CC-QX2DSM-800
Current output
E5CC-CX2DSM-800
Relay output
One
Two
100 to 240 VAC
E5CC-RX2ASM-801
Voltage output
E5CC-QX2ASM-801
Relay output
24 VAC/VDC
E5CC-RX2DSM-801
Voltage output
E5CC-QX2DSM-801
Relay output
RS-485
-
100 to 240 VAC
E5CC-RX2ASM-802
Voltage output
E5CC-QX2ASM-802
Relay output
24 VAC/VDC
E5CC-RX2DSM-802
Voltage output
E5CC-QX2DSM-802
Current output
-Two
100 to 240 VAC
E5CC-CX2ASM-804
Current output
24 VAC/VDC
E5CC-CX2DSM-804
Model
E53-COV17
E53-COV23
Model
Y92S-P8
Hole diameter
Model
5.8 mm
E54-CT1
12.0 mm
E54-CT3
Model
Y92F-45
Model
Y92A-48N
Model
Y92F-49
Type
Model
Hard Front Cover
Y92A-48H
Soft Front Cover
Y92A-48D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com