Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2DSM-802 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5CC-RX2DSM-802
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2DSM-802 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5CC-RX2DSM-802 Datasheet HTML 1Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 2Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 3Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 4Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 5Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 6Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 7Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 8Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Digital Temperature Controller (Simple Type)
E5CC-800
(48
× 48 mm)
Large White PV Display That’s Easier to Read.
Easy to Use, from Model Selection to
Setup and Operation.
A Complete Range of I/O Capacities,
Functions, and Performance.
Handles More Applications.
• The white PV display with a height of 15.2 mm improves visibility.
• Only 48
× 48 mm (C size) and provides five keys.
As easy to operate as 48
× 96 mm (E size) models.
• High-speed sampling at 50 ms.
• Short body with depth of only 60 mm.
Main I/O Functions
48
× 48 mm
E5CC
Refer to Safety Precautions on page 29.
Sensor Input
Dual displays: PV/SV
4-digit displays
E5CC
• Thermocouple
• Pt
• Universal analog
current/voltage input
Indication Accuracy
• Thermocouple input:
±0.3% of PV
• Pt input: ±0.2% of PV
• Analog input:
±0.2% of FS
Sampling Period
• 50 ms
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Current output
• PF (shift) Key
• Temperature status display
• Independent heating and
cooling PID control
• Changed parameter display
• Display brightness setting
Auxiliary Outputs
• 2


Similar Part No. - E5CC-RX2DSM-802

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CC-RX2DBM-000 OMRON-E5CC-RX2DBM-000 Datasheet
40Mb / 138P
Digital Temperature Controller
More results

Similar Description - E5CC-RX2DSM-802

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN OMRON-E5AN Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
Advanced Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
Advanced Digital Temperature Controller
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
logo
Fuji Electric
EDS11-67A FUJI-EDS11-67A Datasheet
353Kb / 6P
POSITION FEEDBACK TYPE DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET-A
EDS11-81 FUJI-EDS11-81 Datasheet
286Kb / 5P
DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI(DUAL Output Type)
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
EDS11-164A FUJI-EDS11-164A Datasheet
468Kb / 8P
PX series Digital temperature Controller Socket Type MICRO-CONTROLLER X (48mm횞48mm) MICRO-CONTROLLER X
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
Digital Temperature Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com