Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CC-RX2DSM-802 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E5CC-RX2DSM-802
Description  Digital Temperature Controller (Simple Type)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CC-RX2DSM-802 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E5CC-RX2DSM-802 Datasheet HTML 6Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 7Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 8Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 9Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 10Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 11Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 12Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 13Page - Omron Electronics LLC E5CC-RX2DSM-802 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
E5CC-800
10
Dimensions
(Unit: mm)
Controllers
Accessories (Order Separately)
45+0.6
0
45+0.6
0
45+0.6
0
60 min.
(48 × number of units - 2.5)+1.0
0
Group mounting does
not allow waterproofing.
Panel Cutout
Mounted Separately
Group Mounted
48 × 48
4
1
73.1
60
Mounting Adapter
(Accessory)
Terminal Cover
(E53-COV17)
(Sold separately)
58
48.8
Waterproof Packing
(Accessory)
44.8 × 44.8
E5CC
• Recommended panel thickness is 1 to 5 mm.
• Group mounting is not possible in the vertical direction. (Maintain
the specified mounting space between Controllers.)
• To mount the Controller so that it is waterproof, insert the
waterproof packing onto the Controller.
• When two or more Controllers are mounted, make sure that the
surrounding temperature does not exceed the allowable operating
temperature specified in the specifications.
48
48.8
22
9.1
10
44.8
2
3.8
Terminal Cover
(E53-COV23)
● Terminal Covers
E53-COV17
● Terminal Covers
E53-COV23 (Three Covers provided.)
● Waterproof Packing
Y92S-P8 (for DIN 48
× 48)
(Provided with the Controller.)
Order the Waterproof Packing separately if it becomes lost or damaged.
The Waterproof Packing can be used to achieve an IP66 degree of protection.
(Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the
operating environment. Therefore, periodic replacement is recommended to ensure the level of
waterproofing specified in IP66. The time for periodic replacement depends on the operating
environment. Be sure to confirm this point at your site.
Consider three years a rough standard. OMRON shall not be liable for the level of water resistance
if the customer does not perform periodic replacement.)
The Waterproof Packing does not need to be attached if a waterproof structure is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com