Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-F-7101 Datasheet(PDF) 12 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 12 Page - Connective Peripherals Pte Ltd

Back Button USB2-F-7101 Datasheet HTML 8Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 9Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 10Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 11Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 12Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 13Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 14Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 15Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 16Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
12
3
Connections
3.1
External Connectors
3.1.1 USB
The USB-F-7x01 is a downstream USB 2.0 Device. A standard USB Series “B” receptacle is mounted
inside the USB-F-7x01 to facilitate connection to an upstream USB Host or Hub.
Pin Number
Pin Type
Description
1
Power
VBUS – USB Power provided from upstream USB Host or Hub
2
Bidirectional
D– = USB data signal, negative polarity
3
Bidirectional
D+ = USB data signal, positive polarity
4
Ground
GND = USB signal ground
Shield
Case Ground
Drain = typically connected to the host PC case
Table 3.1 – USB “B” Receptacle Pin-Out
3.1.2 CANbus
The CANbus port conforms to the CiA DS102-2 pin-out through a 9-contact D-Sub Pin connector. Pin
assignments are noted below:
Pin Number
Pin Type
Description
1
n/a
Not Connected
2
Bidirectional
CAN_L – CANbus low-side signal of differential pair
3
Ground
Signal Ground
4
n/a
Not Connected
5
n/a
Not Connected
6
Ground
Signal Ground
7
Bidirectional
CAN_H – CANbus high-side signal of differential pair
8
n/a
Not Connected
9
n/a
Not Connected
Shield
Case Ground
Drain = typically connected to the host PC case
Table 3.2 – DE-9P DS102-2 CANbus Pin-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com