Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-F-7101 Datasheet(PDF) 21 Page - Connective Peripherals Pte Ltd

Part # USB2-F-7101
Description  USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CP [Connective Peripherals Pte Ltd]
Direct Link  https://connectiveperipherals.com/
Logo CP - Connective Peripherals Pte Ltd

USB2-F-7101 Datasheet(HTML) 21 Page - Connective Peripherals Pte Ltd

Back Button USB2-F-7101 Datasheet HTML 17Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 18Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 19Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 20Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 21Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 22Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 23Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 24Page - Connective Peripherals Pte Ltd USB2-F-7101 Datasheet HTML 25Page - Connective Peripherals Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
USB2-F-7x01 Full-Speed USB to 1-Port CANBus Adapter Datasheet
Version 1.4
Document Reference No.: CP_000050 Clearance No.: CP#040
Copyright © Connective Peripherals Pte Ltd
21
4.1.12
Get Status Flags (F)
Summary
Get CANbus and controller status. A two-byte BCD number is returned to correspond to the 8-bits of the
COMSTAT register of the PIC18F2680.
Definition
F<CR>
Parameters
None
Remarks
Example
F<CR>
Get CANbus status
Return Codes
xx<CR> = OK
xx = CANbus status (A bit set to “1” indicates a true condition):
bit 0 = Flag bit 1 –or– Flag bit 2 is set
bit 1 = Receive Warning: 127 >= Receive Error Counter > 95
bit 2 = Transmit Warning: Transmit Error Counter > 95
bit 3 = Receive Bus Passive: Receive Error Counter > 127
Will cause RED LED to Single Flash
bit 4 = Transmit Bus Passive: Transmit Error Counter > 127
Will cause RED LED to Single Flash
bit 5 = Transmit Bus-OFF: Transmit Error Counter > 255
Will cause RED LED to remain ON
bit 6 = Receive Buffer 1 Overflow
bit 7 = Receive Buffer 0 Overflow
<BELL> = ERROR
4.1.13
Get Hardware and Firmware Versions (V)
Summary
Get hardware and firmware version numbers of USB2-F-7x01. Each value consists of a two-digit, binary
coded decimal (BCD) number.
Definition
V<CR>
Parameters
None
Remarks
Example
V<CR>
Get serial number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com