Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD545S Datasheet(PDF) 1 Page - Intel Corporation

Part # SSD545S
Description  Excellent value and performance make the Intel짰 SSD 545s the right choice for new PCs or hard disk drive replacements.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD545S Datasheet(HTML) 1 Page - Intel Corporation

  SSD545S Datasheet HTML 1Page - Intel Corporation SSD545S Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Get reliable storage you can trust with the new Intel® SSD 545s, delivering
uncompromising value and performance. With performance noticeably
faster than a hard disk drive (HDD), you’ll get quicker boot and faster
application load times. The 512 GB, 2.5-inch form factor easily plugs into
your new or existing computing system.
Boost PC Performance
Replace your HDD with an Intel SSD 545s and accelerate your computer
performance immediately. With faster performance than an HDD, you'll see
quicker boot-ups, more responsive applications, and quicker file transfers for less
waiting and more doing.
Compared to a typical HDD, the SSD 545s minimizes the drain on your battery
to reduce idle power consumption. When coupled with an Intel® Core™-based
platform, the SSD 545s delivers further improvements in power consumption
through the advanced power mode settings.
Reliable Quality
Intel is a leader in quality and reliability. Every Intel® SSD is subject to rigorous
testing standards above and beyond the standard quality requirements. The SSD
545s supports AES 256-bit self-encryption to protect your data. Plus, Intel SSDs
are backed by a 5-year limited warranty.
Easy Upgrade or Install
The standard 2.5-inch form factor fits easily into most PCs. With our Intel® Data
Migration Software, copying data from your old drive to a new SSD is simple.
Industry Leading Innovation
The SSD 545s features 64-layer Intel® 3D NAND technology, enabling higher
capacities. The drive is a cost-effective and reliable replacement for traditional
HDDs.
Excellent value and performance make the Intel® SSD 545s the right choice
for new PCs or hard disk drive replacements.
Reliable Storage You Can Trust
Intel® Solid State Drive 545s
Product brief


Similar Part No. - SSD545S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSD50N03 VBSEMI-SSD50N03 Datasheet
1,019Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSD50N03-C SECOS-SSD50N03-C Datasheet
240Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSD50N03J SECOS-SSD50N03J Datasheet
213Kb / 3P
N-Ch Enhancement Mode Power MOSFET
SSD50N03 SECOS-SSD50N03_15 Datasheet
340Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SSD50N06-15D SECOS-SSD50N06-15D Datasheet
387Kb / 4P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD545S

ManufacturerPart #DatasheetDescription
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
ThinkPad Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
logo
Cooper Bussmann, Inc.
KBC-10 COOPER-KBC-10 Datasheet
34Kb / 1P
For new installations, Bussmann recommends the 700 Volt FWP series fuse. The 600V fuses are supplied as replacements only.
logo
List of Unclassifed Man...
73CWPT ETC2-73CWPT Datasheet
357Kb / 3P
THE PROFESSIONALS CHOICE
HD-PATU3 ETC2-HD-PATU3 Datasheet
803Kb / 2P
high performance portable hard drive featuring the revolutionary Thunderbolt technology.
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
HARD DISK DRIVE READ CHANNEL
logo
Vishay Siliconix
DG1408E VISHAY-DG1408E Datasheet
431Kb / 14P
3.9 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
06-Feb-17
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
System regulator for hard disk drive systems
logo
Samsung semiconductor
P80 SAMSUNG-P80 Datasheet
596Kb / 36P
HARD DISK DRIVE service manual
logo
IDEC Corporation
FT1A-M12RA-B IDEC-FT1A-M12RA-B Datasheet
2Mb / 11P
Value. Versatility. The New Breed of Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com