Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD545S Datasheet(PDF) 2 Page - Intel Corporation

Part # SSD545S
Description  Excellent value and performance make the Intel짰 SSD 545s the right choice for new PCs or hard disk drive replacements.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD545S Datasheet(HTML) 2 Page - Intel Corporation

  SSD545S Datasheet HTML 1Page - Intel Corporation SSD545S Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1. Based on the Intel® SSD 545s Product Specifications. Contact your local Intel sales office or your distributor to obtain the latest product specification.
2. Performance varies by capacity and is measured by Intel using IOMeter* with Queue Depth 32. Test and System Configurations: CPU: Intel® Core™ i7-5960X @ 3.0GHz; Graphics: Mother Board:
ASRock X99 Fatality; NVIDA Geforce210; Memory: 16 GB 2133MHz Corsair Vengeance LPX ; RST: 14.8.12.1059; OS: Windows* 10 Enterprise 64bit; INF: Intel 9 series
3. Random 4kb writes are FOB SSD measurements using IOMeter.
4. All documented endurance test results are obtained in compliance with JESD218 Standards. See www.jedec.org for detailed definitions of JESD218 Standards.
Cost reduction scenarios described are intended as examples of how a given Intel-based product, in the specified circumstances and configurations, may affect future costs and provide cost savings.
Circumstances will vary. Intel does not guarantee any costs or cost reduction.
Intel technologies’ features and benefits depend on system configuration and may require enabled hardware, software or service activation. Performance varies depending on system configuration. No
computer system can be absolutely secure. Check with your system manufacturer or retailer or learn more at intel.com.
Intel disclaims all express and implied warranties, including without limitation, the implied warranties of merchantability, fitness for a particular purpose, and non-infringement, as well as any warranty
arising from course of performance, course of dealing, or usage in trade.
Tests document performance of components on a particular test, in specific systems. Differences in hardware, software, or configuration will affect actual performance. Consult other sources of infor-
mation to evaluate performance as you consider your purchase
The products described in this document may contain design defects or errors known as errata which may cause the product to deviate from published specifications. Current characterized errata are
available on request.
Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order.
Intel, Core, and the Intel logo are trademarks of Intel Corporation in the U.S. and/or other countries. *Other names and brands may be claimed as the property of others.
Copyright © 2017 Intel Corporation
Please Recycle Printed in USA
0617/NH/AM
336103-001US
Product Brief | Intel® Solid State Drive 545s
FEATURES AT A GLANCE1
Model
Intel® SSD 545s
Capacity
512 GB
Form Factor
2.5-inch
Performance2
128k Sequential Read/Write up to 550/500MB/s
4k Random Read/Write3 up to 75/85K IOPS
Interface
SATA 6Gb/s, compatible with SATA 3Gb/s
Non-Volatile Memory Media
Intel® 3D NAND technology, 64-layer, TLC
PowerConsumption
Active Average 4.5W
Idle <50mW
LifeExpectancy
1.6 million hours Mean Time Between Failures (MTBF)4
Warranty
5-year warranty
For more information, visit intel.com/ssd



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com