Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7993MP Datasheet(PDF) 2 Page - 3M Electronics

Part # 7993MP
Description  Single Side Membrane Switch Spacer 7993MP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7993MP Datasheet(HTML) 2 Page - 3M Electronics

  7993MP Datasheet HTML 1Page - 3M Electronics 7993MP Datasheet HTML 2Page - 3M Electronics 7993MP Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Date : July 2000
Single Side Membrane Switch
Spacer 7993MP
Initial Adhesion
Not for specification purposes
Dynamic Peel - 180° Peel
(ASTM D-3330, PSTC3)
Stainless Steel N/10mm
3.6
Properties and
Performance
Not for specification purposes
Temperature Range
Low : -40°F (-40C)
High Long Term (days/weeks) : 250°F (121°C).
High Short Term (minutes/hours) : 300°F (149°C).
Chemical Resistance
Solvent resistance is excellent when this product is
properly applied to impervious materials. The adhesive
resists softening through edge contact with mild acids,
alkalis, oil, gasoline, Kerosene, JP-4 fuel and many other
solvents.
Not recommended for total immersion.
Moisture & Humidity
Resistance
No adverse effect on the bond after exposure to 100%
Relative Humidity at 38°C.
Bond Build Up
The bond strength of Scotch #200 Hi-Performance Acrylic
adhesive increases as a function of time and
temperature.
U.V. Resistance
Adhesive is very resistant to oxidisation and ozone when
exposed to air or sunlight (U.V.).
Processing
Die-cutting:
Steel rule or punch press die-cuttable.
Roll Laminating:
Use rubber over steel roll set up with firm application pressure. Make adhesive to
substrate contact at nip area only to exclude air entrapment.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com