Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7993MP Datasheet(PDF) 3 Page - 3M Electronics

Part # 7993MP
Description  Single Side Membrane Switch Spacer 7993MP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7993MP Datasheet(HTML) 3 Page - 3M Electronics

  7993MP Datasheet HTML 1Page - 3M Electronics 7993MP Datasheet HTML 2Page - 3M Electronics 7993MP Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Date : July 2000
Single Side Membrane Switch
Spacer 7993MP
Other Considerations
Bond strength is dependent upon the amount of adhesive-to-surface contact developed.
Firm application pressure develops better adhesive contact and thus improves bond
strength.
To obtain adhesion, the bonding surfaces must be clean, dry, and smooth. Some typical
surface cleaning solvents are isopropyl alcohol or heptane. Consult manufacturer's
Material Safety Data Sheet for proper handling and storage of solvents.
Ideal tape application temperature range is 70°F (21°C) to 100°F (38°C) Initial tape
application to surfaces at temperatures below 50°F (10°C) is not recommended because
the adhesive becomes too firm to adhere readily. However, once properly applied, low
temperature holding is generally satisfactory.
3M is a trademark of the 3M Company.
Values presented have been determined by standard test methods and are average values not to be used for specification purposes.
Our recommendations on the use of our products are based on tests believed to be reliable but we would ask that you conduct your own tests to
determine their suitability for your applications.
This is because 3M cannot accept any responsibility or liability direct or consequential for loss or damage caused as a result of our
recommendations.
Tapes & Adhesives Group
© 3M United Kingdom PLC 2000
3M United Kingdom PLC
3M House, PO Box 1,
Market Place,
Bracknell, Berkshire,
RG12 1JU
Product Information :
Tel 0870 60 800 50
Fax 0870 60 700 99
3M Ireland
3M House, Adelphi Centre,
Upper Georges Street,
Dun Laoghaire, Co. Dublin,
Ireland
Customer Service :
Tel
(01) 280 3555
Fax
(01) 280 3509



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com