Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7308F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7308F Datasheet HTML 1Page - Texas Instruments TMUX7308F Datasheet HTML 2Page - Texas Instruments TMUX7308F Datasheet HTML 3Page - Texas Instruments TMUX7308F Datasheet HTML 4Page - Texas Instruments TMUX7308F Datasheet HTML 5Page - Texas Instruments TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings ....................................... 5
6.2 ESD Ratings .............................................................. 5
6.3 Thermal Information ...................................................5
6.4 Recommended Operating Conditions ........................6
6.5 Electrical Characteristics (Global) ..............................6
6.6 ±15 V Dual Supply: Electrical Characteristics ............7
6.7 ±20 V Dual Supply: Electrical Characteristics ..........10
6.8 12 V Single Supply: Electrical Characteristics ......... 13
7 Parameter Measurement Information.......................... 16
7.1 Truth Tables.............................................................. 16
7.2 On-Resistance.......................................................... 17
7.3 Off-Leakage Current................................................. 17
7.4 On-Leakage Current................................................. 18
7.5 Break-Before-Make Delay.........................................18
7.6 Enable Delay Time....................................................19
7.7 Transition Time......................................................... 19
7.8 Charge Injection........................................................20
7.9 Crosstalk................................................................... 21
7.10 Bandwidth............................................................... 22
8 Detailed Description......................................................23
8.1 Overview................................................................... 23
8.2 Functional Block Diagram......................................... 23
8.3 Feature Description...................................................23
8.4 Device Functional Modes..........................................25
9 Application and Implementation.................................. 26
9.1 Application Information............................................. 26
9.2 Typical Application.................................................... 26
10 Power Supply Recommendations..............................27
11 Layout........................................................................... 28
11.1 Layout Guidelines................................................... 28
11.2 Layout Example...................................................... 28
12 Device and Documentation Support..........................29
12.1 Documentation Support.......................................... 29
12.2 Receiving Notification of Documentation Updates..29
12.3 Support Resources................................................. 29
12.4 Trademarks.............................................................29
12.5 Electrostatic Discharge Caution..............................29
12.6 Glossary..................................................................29
13 Mechanical, Packaging, and Orderable
Information.................................................................... 29
13.1 Tape and Reel Information......................................36
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (February 2021) to Revision A (October 2021)
Page
• Added package details....................................................................................................................................... 1
• Added Thermal information for TSSOP package............................................................................................... 5
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com