Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7308F Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 17Page - Texas Instruments TMUX7308F Datasheet HTML 18Page - Texas Instruments TMUX7308F Datasheet HTML 19Page - Texas Instruments TMUX7308F Datasheet HTML 20Page - Texas Instruments TMUX7308F Datasheet HTML 21Page - Texas Instruments TMUX7308F Datasheet HTML 22Page - Texas Instruments TMUX7308F Datasheet HTML 23Page - Texas Instruments TMUX7308F Datasheet HTML 24Page - Texas Instruments TMUX7308F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
7.9 Crosstalk
The following are two types of crosstalk that can be defined for the devices:
1. Intra-channel crosstalk (XTALK(INTRA)): the voltage at the source pin (Sx) of an off-switch input, when a
1-VRMS signal is applied at the source pin of an on-switch input in the same channel, as shown in Figure 7-8.
2. Inter-channel crosstalk (XTALK(INTER)): the voltage at the source pin (Sx) of an on-switch input, when a
1-VRMS signal is applied at the source pin of an on-switch input in a different channel, as shown in Figure
7-9. Inter-channel crosstalk applies only to the TMUX7309F device.
Ax, EN
GND
VAX
VEN
S1/S1X
D/ DX
Other
Sx/ Dx
Pins
VS
Network Analyzer
VOUT
RS
RL
SW
SW
N.C.
SW
50Ÿ
S2/S2X
+JPN= F ?D=JJAH %NKOOP=HG = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 7-8. Intra-channel Crosstalk Measurement Setup
Ax, EN
GND
VAX
VEN
SxA
DA
Other
SxA Pins
VS
Network Analyzer
VOUT
RS
RL
SW
N.C.
SW
50Ÿ
DB
RL
SW
N.C.
SW
Other
SxB Pins
SxB
+JPAN F ?D=JJAH %NKOOP=HG = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 7-9. Inter-channel Crosstalk Measurement Setup
www.ti.com
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com