Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7309F Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7309F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7309F Datasheet(HTML) 5 Page - Texas Instruments

  TMUX7309F Datasheet HTML 1Page - Texas Instruments TMUX7309F Datasheet HTML 2Page - Texas Instruments TMUX7309F Datasheet HTML 3Page - Texas Instruments TMUX7309F Datasheet HTML 4Page - Texas Instruments TMUX7309F Datasheet HTML 5Page - Texas Instruments TMUX7309F Datasheet HTML 6Page - Texas Instruments TMUX7309F Datasheet HTML 7Page - Texas Instruments TMUX7309F Datasheet HTML 8Page - Texas Instruments TMUX7309F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD to VSS
Supply voltage
48
V
VDD to GND
–0.3
48
V
VSS to GND
–48
0.3
V
VS to GND
Source input pin (Sx) voltage to GND
–60
60
V
VS to VDD
Source input pin (Sx) voltage to VDD
–85
V
VS to VSS
Source input pin (Sx) voltage to VSS
85
V
VD
Drain pin (D or Dx) voltage
VSS–0.7
VDD+0.7
V
VSEL or VEN
Logic control input pin voltage (EN, A0, A1, A2)(2)
GND –0.7
48
V
ISEL or IEN
Logic control input pin current (EN, A0, A1, A2)(2)
–30
30
mA
IS or ID (CONT)
Source or drain continuous current (Sx or D)
IDC ± 10 %(3)
IDC ± 10 %(3)
mA
Tstg
Storage temperature
–65
150
°C
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Stresses have to be kept at or below both voltage and current ratings at all time.
(3)
Refer to Recommended Operating Conditions for IDC ratings.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101(2)
All pins
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Thermal Information
THERMAL METRIC(1)
TMUX7308F/ TMUX7309F
UNIT
PW (TSSOP)
RRP (QFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
100.2
43.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.2
28.8
°C/W
RθJB
Junction-to-board thermal resistance
46.3
17.9
°C/W
ΨJT
Junction-to-top characterization parameter
1.7
0.4
°C/W
ΨJB
Junction-to-board characterization parameter
45.7
17.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
4.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com