Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7309F Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7309F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7309F Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX7309F Datasheet HTML 19Page - Texas Instruments TMUX7309F Datasheet HTML 20Page - Texas Instruments TMUX7309F Datasheet HTML 21Page - Texas Instruments TMUX7309F Datasheet HTML 22Page - Texas Instruments TMUX7309F Datasheet HTML 23Page - Texas Instruments TMUX7309F Datasheet HTML 24Page - Texas Instruments TMUX7309F Datasheet HTML 25Page - Texas Instruments TMUX7309F Datasheet HTML 26Page - Texas Instruments TMUX7309F Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
8 Detailed Description
8.1 Overview
The TMUX7308F and TMUX7309F are a modern complementary metal-oxide semiconductor (CMOS) analog
multiplexers in 8:1 (single ended) and 4:1 (differential) configurations. The devices work well with dual supplies
(±5 V to ±22 V), a single supply (8 V to 44 V), or asymmetric supplies (such as VDD = 15 V, VSS = –5 V). The
devices have an overvoltage protection feature on the source pins under powered and powered-off conditions,
allowing them to be used in harsh industrial environments.
8.2 Functional Block Diagram
SW
SW
S1
S2
D
VDD
VSS
TMUX7308F
SW
S8
Fault Detection/
Switch Driver/
Logic Decoder
A1
A2
A3
EN
SW
SW
S1A
DA
TMUX7309F
Fault Detection/
Switch Driver/
Logic Decoder
A1
A2
EN
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
8.3 Feature Description
8.3.1 Flat On – Resistance
The TMUX7308F and TMUX7309F are designed with a special switch architecture to produce ultra-flat on-
resistance (RON) across most of the switch input operation region. The flat RON response allows the device to
be used in precision sensor applications since the RON is controlled regardless of the signals sampled. The
architecture is implemented without a charge pump so no unwanted noise is produced from the device to affect
sampling accuracy.
8.3.2 Protection Features
The TMUX7308F and TMUX7309F offer a number of protection features to enable robust system
implementations.
8.3.2.1 Input Voltage Tolerance
The maximum voltage that can be applied to any source input pin is +60 V or -60 V, allowing the device to
handle typical voltage fault conditions in industrial applications. It shall be cautioned that the device is rated to
handle maximum stress of 85 V across different pins, such as the following:
1. Between the source pins and supply rails:
For example, if the device is powered by VDD supply of 20 V, then the maximum negative signal level on any
source pin is –60 V to maintain the 60 V maximum rating on any source pin. If the device is powered by VDD
supply of 40 V, then the maximum negative signal level on any source pin is reduced to –45 V to maintain
the 85 V maximum rating across the source pin and the supply.
2. Between the source pins and one or more drain pins:
For example, if channel S1 is ON and the voltage on S1(A) pin is 40 V. In this case, the drain voltage is
also 40 V. The maximum negative voltage on any of the other source pins is –45 V to maintain the 85 V
maximum rating across the source pin and the drain pin.
www.ti.com
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com