Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PVC-1
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PVC-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PVC-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Catalog No./Item
Description/Specifications
400BAC
400BAC-WH
Low profile, two-piece raceway with snap-on cover – Available in 5' (1.525m and length.
800BAC
800BAC-WH
Supplied with wide adhesive tape along entire length of base.
2300BAC
2300BAC-WH
2300BACD 2300BACD-WH
400BAC, 800BAC, 2300BAC, 23000BACD Series Raceway Ordering Information
400BAC
800BAC
2300BAC
2300BACD
7/16"
(11.1mm)
7/8"
(22.2mm)
7/16"
(11.1mm)
11/16"
(17.5mm)
2 1/4"
(57mm)
11/16"
(17.5mm)
2 1/4"
(57mm)
1 5/16"
(33mm)
WIRE SIZE
O.D.
NUMBER OF CONDUCTORS
THHN/THWN
Inches
(mm)
400BAC
800BAC
2300BAC
2300BACD†
14 AWG
0.111
(2.8)
5
6
15
7
12 AWG
0.130
(3.3)
3
5
14
6
10AWG
0.164
(4.2)
0
4
12
5
400, 800, 2300, 2300D Raceway Series Wire Fill Capacities for Power
O.D.
40% FILL*
CABLE/WIRE SIZE
inches
(mm)
400
800
2300
2300D†
UNSHIELDED
4-Pair, 24 AWG Cat. 3
0.190
(4.8)
1
3
11
5
TWISTED PAIR
4-Pair, 24 AWG Cat. 5e
0.210
(5.3)
1
3
9
4
4-Pair, 24 AWG Cat. 6
0.250
(6.3)
1
2
6
3
4-Pair, 24 AWG Cat. 6a**
0.354
(9.0)
0
1
3
1
25-Pair, 24 AWG
0.410
(10.4)
0
0
2
1
COAXIAL
RG6/U
0.270
(6.9)
0
1
5
2
FIBER
Zip Cord 0.118 x 0.157
(3 x 6)
1
3
12
6
Round 4 Strand Fiber
0.187
(4.8)
1
3
12
6
Round 6 Strand Fiber
0.256
(6.5)
1
2
6
3
400, 800, 2300, 2300D Raceway Series Wire Fill Capacities for Communications
810A2, 2310A,
2310DFO
406, 806, 2306
417, 817, 2317
417, 817, 2317,
2317DFO
415, 815, 2315
2338A, 2337A
411, 811, 2311,
2311DFO
2344, 2347, 2348
418, 818, 2318,
2318DFO
400, 800, 2300, 2300D Series Raceway System Layout
NOTE: Illustration shows product applications only. 2315 Tee Fitting cannot be used with 2300D Divided Raceway.
* Wire capacity is reduced to allow for proper conductor bend radius and maximum permissible heat rise.
** Category 6 augmented (6a) cable for 10 gigabit ethernet – max allowed cable diameter per addenda No. 11 ANSI TIA/EIA 568-B.2.
†
each compartment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com