Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PVC-1
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PVC-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PVC-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers PVC-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
2344SD-2A
Communication
Inserts
5507 Series Faceplate
2344SD-2 Over-the-Raceway Box Application
Catalog No./Item
Description/Specifications
2348D
Device Box – For use with
2300BACD Divided Raceway. For
mounting standard switches,
receptacles and industry
standard faceplates for
communication devices.
Accepts NEMA Faceplates.
2344D
Extra Deep Device Box – For use
with 2300BACD Divided Raceway
when additional depth is required.
For mounting standard switches,
receptacles and industry standard
faceplates for communication
devices. Accepts NEMA Faceplates.
Catalog No./Item
Description/Specifications
2344SD-2A
Two-Gang Deep Divided Box –
A divided two-gang box for use
with 2300D Series Raceway.
Provides the ability to have both
power and low voltage at a single
point of use. Accepts 5507 Series
Faceplates, Ortronics® TracJack &
Series II Modules, Pass & Seymour®
Activate™ Series Inserts, and
Wiremold Open System
Communication Modules.
The 2300BAC and 2300BACD Series Divided Raceway Box family provides two unique benefits; labor savings with “over-the-
raceway” installation and Sure-Snap® device boxes. The 2348D and 2344D “over-the-raceway” design eliminates cutting the
raceway base to mount boxes. The base snaps on anywhere along the raceway. The Sure-Snap integral device box of the
2344SD-2A combines aesthetics with labor savings. 5507 Series Faceplates, Pass & Seymour Activate Inserts, Wiremold Open
System Communication Modules and Ortronics Series II and TracJack Modules snap directly into the Sure-Snap Device Box,
eliminating the need for additional faceplates. The single-gang boxes accept standard NEMA faceplates.
4 3/4"
(121mm)
4 3/4"
(121mm)
3"
(76mm)
4 7/8"
(124mm)
1 3/4"
(44mm)
2 1/4"
(57mm)
4 3/4"
(121mm)
3"
(76mm)
2 3/4"
(70mm)
Sure-Snap® Device Boxes for 2300BACD Divided Series Raceway Ordering Information
Note: Not for use with NEMA Faceplates. CM-EPLA End
Plates are required when using Wiremold Open System
communication modules and Pass & Seymour® Activate
inserts. S2-EPL End Plates are required when using
Ortronics® Series II inserts. To mount Ortronics®
TracJack modules, use 5507-4TJ or 5507-6TJ Faceplates.
Sure-Snap® Device Boxes for 2300BACD Divided Series Raceway



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com