Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-RCL Datasheet(PDF) 1 Page - Linx Technologies

Part # CW-RCL
Description  2.4 GHz Right-Angle Whip Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CW-RCL Datasheet(HTML) 1 Page - Linx Technologies

  CW-RCL Datasheet HTML 1Page - Linx Technologies CW-RCL Datasheet HTML 2Page - Linx Technologies CW-RCL Datasheet HTML 3Page - Linx Technologies CW-RCL Datasheet HTML 4Page - Linx Technologies CW-RCL Datasheet HTML 5Page - Linx Technologies CW-RCL Datasheet HTML 6Page - Linx Technologies CW-RCL Datasheet HTML 7Page - Linx Technologies CW-RCL Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
CW-RCL Series
2.4 GHz Right-Angle Whip Antenna
Features
• Performance at 2.4 GHz to 2.485 GHz
― VSWR: ≤ 1.5
― Peak Gain: 2.3 dBi
― Efficiency: 77%
• Compact size
― 97.7 mm x 18.7 mm x 10.5 mm
• Rotating base allows for optimal positioning
• SMA plug (male pin) or RP-SMA plug (female
socket)
The ANT-2.4-CW-RCL antenna is designed for 2.4
GHz WiFi/WLAN and ISM applications including
Bluetooth® and ZigBee®.
The right-angle rotating design of the ANT-2.4-CW-
RCL antenna allows for the antenna to be positioned
for optimum performance.
The ANT-2.4-CW-RCL antenna is available with an
SMA plug (male pin) or RP-SMA plug (female socket)
connector for FCC Part 15 compliant applications.
Applications
• Single-band WiFi/WLAN
― 802.11b/g
• ISM applications
― Bluetooth®
― ZigBee®
― IEEE 802.15.4
• Internet of Things (IoT) devices
• Sensing and remote monitoring
• Smart Home networking
Ordering Information
Part Number
Description
ANT-2.4-CW-RCL-SMA
2.4 GHz right-angle whip antenna with SMA plug (male pin)
ANT-2.4-CW-RCL-RPS
2.4 GHz right-angle whip antenna with RP-SMA plug (female socket)
Available from Linx Technologies and select distributors and representatives.


Similar Part No. - CW-RCL

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CW-025 LINEAGEPOWER-CW-025 Datasheet
1Mb / 20P
CW025 Triple-Output-Series Power Modules:36 Vdc to 75 Vdc Input; 25 W
April 2008
logo
International Rectifier
CW-1/2 IRF-CW-1/2 Datasheet
355Kb / 16P
High Power Factor/Low THD
CW-1/2 IRF-CW-1/2 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
logo
DDK Ltd.
CW-123A/U DDK-CW-123A/U Datasheet
308Kb / 13P
BNC Type Connectors
CW-123A/U-Ni DDK-CW-123A/U-Ni Datasheet
308Kb / 13P
BNC Type Connectors
More results

Similar Description - CW-RCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
logo
World Produts Inc.
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP012 WPI-WPANTDP012 Datasheet
121Kb / 2P
WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP020 WPI-WPANTDP020 Datasheet
277Kb / 2P
WPANTDP020 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP023 WPI-WPANTDP023 Datasheet
135Kb / 2P
WPANTDP023 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
logo
Laird Tech Smart Techno...
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
2.4 GHz MicroSphere Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
2.4 GHz WiFi Antenna
logo
Linx Technologies
ANT-868-CW-RCL-SMA LINX-ANT-868-CW-RCL-SMA Datasheet
865Kb / 8P
868 MHz Right-Angle Whip Antenna
2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com