Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW-RCL Datasheet(PDF) 5 Page - Linx Technologies

Part # CW-RCL
Description  2.4 GHz Right-Angle Whip Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CW-RCL Datasheet(HTML) 5 Page - Linx Technologies

  CW-RCL Datasheet HTML 1Page - Linx Technologies CW-RCL Datasheet HTML 2Page - Linx Technologies CW-RCL Datasheet HTML 3Page - Linx Technologies CW-RCL Datasheet HTML 4Page - Linx Technologies CW-RCL Datasheet HTML 5Page - Linx Technologies CW-RCL Datasheet HTML 6Page - Linx Technologies CW-RCL Datasheet HTML 7Page - Linx Technologies CW-RCL Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Datasheet
ANT-2.4-CW-RCL-ccc
Radiation Efficiency
Radiation efficiency (Figure 6), shows the ratio of power delivered to the antenna relative to the power
radiated at the antenna, expressed as a percentage, where a higher percentage indicates better performance
at a given frequency.
0
10
20
30
40
50
60
70
80
90
100
2380
2390
2400
2410
2420
2430
2440
2450
2460
2470
2480
2490
2500
Frequency (MHz)
Figure 6. ANT-2.4-CW-RCL Antenna Radiation Efficiency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com