Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP6LC24-2P Datasheet(PDF) 1 Page - Protek Devices

Part # SMP6LC24-2P
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMP6LC24-2P Datasheet(HTML) 1 Page - Protek Devices

  SMP6LC24-2P Datasheet HTML 1Page - Protek Devices SMP6LC24-2P Datasheet HTML 2Page - Protek Devices SMP6LC24-2P Datasheet HTML 3Page - Protek Devices SMP6LC24-2P Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMP6LC05-2P
thru
SMP6LC24-2P
1
05088.R4 3/05
www.protekdevices.com
LOW CAPACITANCE TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ T1/E1
✔ Cellular Phones
✔ Portable Electronics
✔ Wireless LANs
✔ Video Inputs
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 8/20µs - 95A, L4(Line-Gnd) & 48A, L4(Line-Line) & 83A, L2(Power)
FEATURES
✔ 3,600 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ 600 Watts Peak Pulse Power per Line (tp=10/1000µs)
✔ Bidirectional Configuration
✔ High Surge Capability: 80A (10/1000µs)
✔ Available in Multiple Voltages
✔ Protects Two (2) Bidirectional Lines
✔
✔
✔
✔
✔ LOW CAPACITANCE: < 30pF per LINE PAIR
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-16 Package
✔ Weight 0.15 grams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability rating UL 94V-0
✔ 16mm Tape and Reel Per EIA Standard 481
✔ Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
SO-16
PIN CONFIGURATION
1
2
5
4
16
3
6
78
9
10
11
12
13
14
15


Similar Part No. - SMP6LC24-2P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMP6LC24-2P PROTEC-SMP6LC24-2P Datasheet
726Kb / 7P
MULTI-LINE LOW CAPACTANCE TVS ARRAY
SMP6LC24-2P PROTEC-SMP6LC24-2P Datasheet
728Kb / 7P
MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SMP6LC24-2P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com