Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809502 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0809502
Description  Insert strip - ESL 62X46
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809502 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0809502 Datasheet HTML 1Page - PHOENIX CONTACT 0809502 Datasheet HTML 2Page - PHOENIX CONTACT 0809502 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/0809502
09/11/2020   Page 1 / 3
Insert strip - ESL 62X46 - 0809502
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Insert strip, Sheet, white, unlabeled, can be labeled with: Office printing systems: Laser printer, mounting type:
insert, lettering field size: 62 x 46 mm, Number of individual labels: 120
Your advantages
 Insert labels for plastic cable markers
 The material file can be downloaded under the CLIP PROJECT software under Downloads - “Software update - Marking”.
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4017918194437
Technical data
Dimensions
Length (b)
46 mm
Width (a)
62 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
General
Note
Print image may vary depending on laser printer
Color
white
Components
free from silicone and halogen
Material
Polyester foil
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Printing
Laser printer
Number of individual labels
120


Similar Part No. - 0809502

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0809528 PHOENIX-0809528 Datasheet
233Kb / 6P
ZBF 5,LGS:L1-N,PE - Zack marker strip
0809557 PHOENIX-0809557 Datasheet
177Kb / 4P
ZB 5/WH-100:UNBD. SO:MOLDED - Zack marker strip
logo
Littelfuse
08095800 LITTELFUSE-08095800 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
08095890 LITTELFUSE-08095890 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
08095900 LITTELFUSE-08095900 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
More results

Similar Description - 0809502

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808231 PHOENIX-0808231 Datasheet
46Kb / 2P
Insert strip - ESL 24X4
0808095 PHOENIX-0808095 Datasheet
50Kb / 2P
Insert strip - ESL 40X17
0808244 PHOENIX-0808244 Datasheet
46Kb / 2P
Insert strip - ESL 44X7
0808257 PHOENIX-0808257 Datasheet
46Kb / 2P
Insert strip - ESL 29X8
0809382 PHOENIX-0809382 Datasheet
48Kb / 2P
Terminal strip markers - KLM1 ESL 24X4
0811943 PHOENIX-0811943 Datasheet
44Kb / 2P
Insert strip - ESL 25X10 TR
0824404 PHOENIX-0824404 Datasheet
51Kb / 3P
Insert strip - ESL 44X 7 CUS
0809492 PHOENIX-0809492 Datasheet
52Kb / 3P
Insert strip - ESL 62X10
09/11/2020
0811930 PHOENIX-0811930 Datasheet
51Kb / 2P
Insert strip - ESL 29X8 YE
09/12/2020
0824403 PHOENIX-0824403 Datasheet
65Kb / 3P
Insert strip - ESL 40X17 CUS
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com