Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413LP2FE Datasheet(PDF) 12 Page - Analog Devices

Part # HMC8413LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413LP2FE Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC8413LP2FE Datasheet HTML 8Page - Analog Devices HMC8413LP2FE Datasheet HTML 9Page - Analog Devices HMC8413LP2FE Datasheet HTML 10Page - Analog Devices HMC8413LP2FE Datasheet HTML 11Page - Analog Devices HMC8413LP2FE Datasheet HTML 12Page - Analog Devices HMC8413LP2FE Datasheet HTML 13Page - Analog Devices HMC8413LP2FE Datasheet HTML 14Page - Analog Devices HMC8413LP2FE Datasheet HTML 15Page - Analog Devices HMC8413LP2FE Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
HMC8413
Data Sheet
Rev. 0 | Page 12 of 21
60
50
0
10
20
30
40
0
1.0
0.9
0.3
0.7
0.8
0.6
0.5
0.4
0.2
0.1
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 43. PAE vs. Frequency for Various Temperatures, 0.01 GHz to 1.0 GHz,
VDD = 5 V, IDQ = 95 mA
50
45
0
5
15
25
35
40
10
20
30
120
100
0
20
60
80
40
–20
7
–11
1
4
–2
–5
–8
–14
–17
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 44. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 1 GHz, VDD = 5 V, RBIAS = 787 Ω
50
45
0
5
15
25
35
40
10
20
30
115
110
65
80
100
105
90
75
70
95
85
–20
7
–11
1
4
–2
–5
–8
–14
–17
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 45. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 9 GHz, VDD = 5 V, RBIAS = 787 Ω
60
0
10
30
20
50
40
0
12
6
10
8
4
2
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 46. PAE vs. Frequency for Various Temperatures, 1 GHz to 12 GHz,
VDD = 5 V, IDQ = 95 mA
50
45
0
5
15
25
35
40
10
20
30
104
103
95
97
101
102
99
96
100
98
–20
7
–11
1
4
–2
–5
–8
–14
–17
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 47. POUT, Gain, PAE, and IDD vs. Input Power,
Power Compression at 5 GHz, VDD = 5 V, RBIAS = 787 Ω
25
20
0
10
15
5
170
140
20
80
110
50
2
6
5
4
3
SUPPLY VOLTAGE (V)
OP1dB
PSAT
GAIN
IDD
Figure 48. OP1dB, PSAT, Gain, and IDD vs. Supply Voltage,
Power Compression at 1 GHz, RBIAS = 787 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com