Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413LP2FE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC8413LP2FE
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413LP2FE Datasheet(HTML) 2 Page - Analog Devices

  HMC8413LP2FE Datasheet HTML 1Page - Analog Devices HMC8413LP2FE Datasheet HTML 2Page - Analog Devices HMC8413LP2FE Datasheet HTML 3Page - Analog Devices HMC8413LP2FE Datasheet HTML 4Page - Analog Devices HMC8413LP2FE Datasheet HTML 5Page - Analog Devices HMC8413LP2FE Datasheet HTML 6Page - Analog Devices HMC8413LP2FE Datasheet HTML 7Page - Analog Devices HMC8413LP2FE Datasheet HTML 8Page - Analog Devices HMC8413LP2FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
HMC8413
Data Sheet
Rev. 0 | Page 2 of 21
TABLE OF CONTENTS
Features.............................................................................................. 1
Applications ...................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications .................................................................................... 3
0.01 GHz to 7 GHz Frequency Range ....................................... 3
7 GHz to 9 GHz Frequency Range............................................. 3
Absolute Maximum Ratings ........................................................... 4
Thermal Resistance ...................................................................... 4
Electrostatic Discharge (ESD) Ratings...................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions .............................5
Interface Schematics .....................................................................5
Typical Performance Characteristics .............................................6
Theory of Operation ...................................................................... 17
Applications Information ............................................................. 18
Recommended Bias Sequencing .............................................. 18
Extending Operation Below 10 MHz .......................................... 19
Biasing the HMC8413 Using the LT3470A................................ 20
Outline Dimensions....................................................................... 21
Ordering Guide .......................................................................... 21
REVISION HISTORY
10/2021—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com