Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOB-15932 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # BOB-15932
Description  SparkFun Qwiic Button - Red LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

BOB-15932 Datasheet(HTML) 1 Page - SparkFun Electronics

  BOB-15932 Datasheet HTML 1Page - SparkFun Electronics BOB-15932 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFun Qwiic Button - Red LED
BOB-15932 ROHS
Buttons are an easy and tactile way to interface with your project, but why would you want to deal
with debouncing, polling, and wiring up pull-up resistors? The Qwiic Button with built-in red LED
simplifies all of those nasty worries away into an easy to use I2C device! Utilizing our Qwiic Connect
System, using the button is as simple as connecting a cable and loading up some pre-written code!
If you need multiple buttons for your project, fear not! Each button has a configurable I2C address, so
you can daisy-chain multiple buttons over Qwiic and still address each one individually. We've got an
example in our Arduino library that provides a super-easy way to configure your Qwiic Button to
whatever I2C address you desire. You can download the library through the Arduino library manager
by searching 'SparkFun Qwiic Button' or you can get the GitHub repo as a .zip file and install the
library from there.
In addition to handling blinking and debouncing, the Qwiic Button has configurable interrupts that
can be configured to activate upon a button press or click. We've also taken the liberty of
implementing a FIFO queue onboard the Qwiic Button where it keeps an internal record of when the
button was pressed. This means that code on your microcontroller need not waste valuable
processing time checking the status of the button but instead can run a small function whenever the
button is pressed or clicked! For more information on interrupts check out our guide here
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - BOB-15932

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
More results

Similar Description - BOB-15932

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
KIT-16262 SPARKFUN-KIT-16262 Datasheet
205Kb / 2P
SparkFun Qwiic Ideation Kit
4??3??0
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
SparkFun Qwiic Motor Driver
9??4??9
SEN-15191 SPARKFUN-SEN-15191 Datasheet
2Mb / 2P
SparkFun RFID Qwiic Reader
3??8??9
SEN-15242 SPARKFUN-SEN-15242 Datasheet
156Kb / 2P
SparkFun Qwiic Scale - NAU7802
4??7??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com