Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOB-15932 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # BOB-15932
Description  SparkFun Qwiic Button - Red LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

BOB-15932 Datasheet(HTML) 2 Page - SparkFun Electronics

  BOB-15932 Datasheet HTML 1Page - SparkFun Electronics BOB-15932 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
12mm Red LED Button rated for 50mA
Built in LED can be configured for your desired level of blinkiness!
Each button has a configurable I2C address
Configurable interrupts - check out our guide here!
FIFO queue
Don't like the color red? Check out the SparkFun Qwiic Button Breakout and add another
colored button!
o
Red LED Tactile Button
o
Blue LED Tactile Button
o
Green LED Tactile Button
o
White LED Tactile Button
 
 
https://www.sparkfun.com/products/15932 /1‐29‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com