Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-11953 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-11953
Description  Mojo v3 FPGA Development Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-11953 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-11953 Datasheet HTML 1Page - SparkFun Electronics DEV-11953 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Export Restrictions
This product has some level of export control/restriction, so may be delayed by
2-3 business days when shipping outside the United States. Contact us with
questions, or we will contact you after you place your order.
Mojo v3 FPGA Development Board
DEV-11 953 RO HS
   7
images are CC BY-NC-SA 3.0
Description: Mojo (n) is defined as “the art or practice of casting magic spells.” With
the Mojo v3 FPGA you will definitely discover what kind of magic you can make! This
development board is a field-programmable gate array (FPGA), meaning that you
(yes, you) get the pleasure of configuring the digital circuits on the Mojo v3 to your
own specifications! What separates this FPGA from the others is ease of use and the
thorough tutorials that Embedded Micro provide (which can be found below). The goal
of the Mojo v3 is to get you up and running with a FPGA as easily as possible
The Mojo v3 FPGA uses the logic optimized Spartan 6 Lx9 and the high performance
ATmega32U4. Needless to say this board has no shortage of processing power. The
ATmega32U4 comes with a USB (DFU) bootloader which will allow you to install
future upgrades to the firmware without having to buy a programmer. Once the board
is powered on, the ATmega configures the FPGA from the flash memory. After the
FPGA is successfully configured the ATmega enters slave mode. This allows your
FPGA designs to talk to the microcontroller; giving you access to the serial port and
the analog inputs.
Features:
• Spartan 6 XC6SLX9 FPGA
• 84 digital IO pins
• 8 analog inputs
Page 1 of 2


Similar Part No. - DEV-11953

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DEV-11008 AGELECTRONICA-DEV-11008 Datasheet
166Kb / 1P
LILYPAD VIBE BOARD
17/10/2017
logo
SparkFun Electronics
DEV-11018 SPARKFUN-DEV-11018 Datasheet
607Kb / 9P
Shield Landing Page
logo
AG Electronica
DEV-11114 AGELECTRONICA-DEV-11114 Datasheet
145Kb / 1P
ARDUINO PRO MINI 328 - 3.3V / 8MHZ
02/03/2021
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
DEV-11259 SPARKFUN-DEV-11259 Datasheet
98Kb / 1P
LilyPad Power Supply
10/13/2015
More results

Similar Description - DEV-11953

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S180 ALTERA-EP2S180 Datasheet
547Kb / 58P
DSP Development Board
logo
Advantech Co., Ltd.
SOM-DB4400 ADVANTECH-SOM-DB4400 Datasheet
323Kb / 1P
ETX Development Board SOM-144 Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500 Datasheet
1Mb / 2P
Qseven Development Board
logo
ATMEL Corporation
ATSAM4S-EK ATMEL-ATSAM4S-EK Datasheet
2Mb / 49P
Development Board
logo
Microchip Technology
TB3094 MICROCHIP-TB3094 Datasheet
698Kb / 10P
PIC18F67J94 Development Board
11/29/12
logo
IXYS Corporation
DVRFD615X2 IXYS-DVRFD615X2 Datasheet
794Kb / 4P
Development Board
logo
Intel Corporation
DE2I-150 INTEL-DE2I-150 Datasheet
919Kb / 22P
DE2i-150 FPGA Development Kit
DK-DEV-10M50-A INTEL-DK-DEV-10M50-A Datasheet
2Mb / 67P
MAX 10 FPGA Development Kit User Guide
2017.09.07
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
DEV-16527 SPARKFUN-DEV-16527 Datasheet
210Kb / 2P
Alchitry Au FPGA Development Board (Xilinx Artix 7)
9????0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com