Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13305 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13305
Description  Teensy LC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13305 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13305 Datasheet HTML 1Page - SparkFun Electronics DEV-13305 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Export Restrictions
This product has some level of export control/restriction, so may be delayed by
2-3 business days when shipping outside the United States. Contact us with
questions, or we will contact you after you place your order.
Teensy LC
DEV-13 305 RO HS
   6
images are CC BY-NC-SA 3.0
Description: The Teensy is a breadboard-friendly development board with loads of
features in a, well, teensy package. The Teensy LC (Low Cost) is a 32 bit
microcontroller board that provides you with an uncomplicated option for getting
started with the Teensy line of products without breaking the bank!
The Teensy LC comes pre-flashed with a bootloader so you can program it using the
on-board USB connection: No external programmer needed! You can program for the
Teensy in your favorite program editor using C or you can install the Teensyduino
add-on for the Arduino IDE and write Arduino sketches for Teensy!
The processor on the Teensy also has access to the USB and can emulate any kind
of USB device you need it to be, making it great for USB-MIDI and other HID projects.
The 32 bit processor brings a few other features to the table as well, such as multiple
channels of Direct Memory Access and an I2S digital audio interface! There are also
2 separate interval timers! Also, the Teensy LC can provide system voltage of 3.3V or
5V to other devices at up to 5-20mA.
All of this functionality is jammed into a 1.4 x 0.7 inch board with all headers on a 0.1"
grid so you can slap it on a breadboard and get to work! So, what sets the Teensy LC
apart from the Teensy 3.1? First off, this version has been streamlined to be as cost
effective as possible. Obviously, the LC doesn’t share a lot of power that the 3.1
possesses but by no means does it make the LC a ‘weak’ board! The Teensy LC is
equipped with 8kB RAM, 62kB of flash memory, and 27 Digital I/O pins with 13 high
res Analog inputs.
Note: The Teensy LC does not come with a micro-B USB cable, please check the
Recommended Products section below for an appropriate one.
Dimensions: 1.4 x 0.7" (~35 x 18 mm)
Page 1 of 2


Similar Part No. - DEV-13305

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13310 SPARKFUN-DEV-13310 Datasheet
110Kb / 2P
Ludus Protoshield
DEV-13327 SPARKFUN-DEV-13327 Datasheet
265Kb / 6P
SparkFun Blocks for Intel짰 Edison - ADC V20
DEV-13343 SPARKFUN-DEV-13343 Datasheet
175Kb / 1P
LilyPad Reed Switch
8/4/2016
More results

Similar Description - DEV-13305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRT-13925 ETC2-PRT-13925 Datasheet
97Kb / 1P
Teensy Header Kit
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-13996 SPARKFUN-DEV-13996 Datasheet
217Kb / 2P
Teensy Prop Shield LC
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com