Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-13305 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-13305
Description  Teensy LC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13305 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-13305 Datasheet HTML 1Page - SparkFun Electronics DEV-13305 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
• 32 bit ARM Cortex-M0+ 48 MHz CPU
• 62kB Flash Memory, 8kB RAM, 1/8(emu)kB EEPROM
• 13 High Resolution Analog Inputs
• 27 Digital I/O Pins (NOT 5V Tolerant)
• 10 PWM outputs
• 7 Timers for intervals/delays, separate from PWM
• 3 UARTs (serial ports)
• SPI, I2C, & I2S
• I2S (for high quality audio interface)
• 4 Lightweight DMA channels
• Touch Sensor Inputs
Page 2 of 2
10/22/2015
https://www.sparkfun.com/products/13305



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com