Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOP607 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOP607
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP607 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOP607 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AOP607
Symbol
Min
Typ
Max
Units
BVDSS
-60
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-1.5
-2.1
-3
V
ID(ON)
-20
A
80
105
TJ=125°C
130
102
135
m
Ω
gFS
10
S
VSD
-0.77
-1
V
IS
-4
A
Ciss
930
1120
pF
Coss
85
pF
Crss
35
pF
Rg
7.2
9
Ω
Qg(10V)
16
20
nC
Qg(4.5V)
810
nC
Qgs
2.5
nC
Qgd
3.2
nC
tD(on)
8ns
tr
3.8
ns
tD(off)
31.5
ns
tf
7.5
ns
trr
27
35
ns
Qrr
32
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
P-Channel Electrical Characteristics (T J=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=-48V, VGS=0V
µA
Gate-Body leakage current
VDS=0V, VGS=±20V
m
Ω
VGS=-4.5V, ID=-2.7A
Gate Threshold Voltage
VDS=VGS ID=-250µA
On state drain current
VGS=-10V, VDS=-5V
VDS=-5V, ID=-3.4A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
VGS=-10V, ID=-3.4A
Diode Forward Voltage
IS=-1A,VGS=0V
Maximum Body-Diode Continuous Current
Output Capacitance
Reverse Transfer Capacitance
Gate resistance
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=-30V, f=1MHz
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge (4.5V)
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Total Gate Charge (10V)
VGS=-10V, VDS=-30V, ID=-3.4A
Turn-On DelayTime
VGS=-10V, VDS=-30V, RL=8.8Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=-3.4A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=-3.4A, dI/dt=100A/µs
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA
curve provides a single pulse rating.
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA
curve provides a single pulse rating.
Rev1:Aug 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com