Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOP607 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOP607
Description  Complementary Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOP607 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOP607 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOP607 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Max p-channel
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
Device
Typ
Max
Units
n-ch
37
50
°C/W
n-ch
74
90
°C/W
RθJL
n-ch
28
40
°C/W
p-ch
35
50
°C/W
p-ch
73
90
°C/W
RθJL
p-ch
32
40
°C/W
Thermal Characteristics: n-channel and p-channel
-55 to 150
-55 to 150
Maximum Junction-to-Lead
C
Steady-State
Parameter
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
Maximum Junction-to-Ambient
A
60
-60
±20
Drain-Source Voltage
±20
Gate-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Max n-channel
W
4.7
3.8
20
2.5
1.6
-2.7
-3.4
2.5
1.6
A
Continuous Drain
Current
A
TA=25°C
ID
TA=70°C
Pulsed Drain Current
B
RθJA
Maximum Junction-to-Ambient
A
Steady-State
-20
TA=70°C
Power Dissipation
TA=25°C
PD
Steady-State
Junction and Storage Temperature Range
Maximum Junction-to-Lead
C
Steady-State
Maximum Junction-to-Ambient
A
t ≤ 10s
AOP607
Complementary Enhancement Mode Field Effect Transistor
Features
n-channel
p-channel
VDS (V) = 60V
-60V
ID = 4.7A (VGS=10V)
-3.4A (VGS=-10V)
RDS(ON)
RDS(ON)
< 56m
Ω (VGS=10V)
< 105m
Ω (VGS =-10V)
< 77m
Ω (VGS=4.5V)
< 135m
Ω (VGS =-4.5V)
General Description
The AOP607 uses advanced trench technology
MOSFETs to provide excellent RDS(ON) and low
gate charge. The complementary MOSFETs
may be used in H-bridge, Inverters and other
applications. Standard Product AOP607 is Pb-
free (meets ROHS & Sony 259 specifications).
AOP607L is a Green Product ordering option.
AOP607 and AOP607L are electrically identical.
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
PDIP-8
G2
D2
S2
G1
D1
S1
n-channel
p-channel
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOP607

ManufacturerPart #DatasheetDescription
logo
Clarke International
AOP60 CLARKE-AOP60 Datasheet
2Mb / 8P
SODA BLAST CONVERSION KIT
LS0216
logo
Alpha & Omega Semicondu...
AOP600 AOSMD-AOP600 Datasheet
150Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOP600L AOSMD-AOP600L Datasheet
150Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOP601 AOSMD-AOP601 Datasheet
157Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AOP601L AOSMD-AOP601L Datasheet
157Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
More results

Similar Description - AOP607

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com