Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14356 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14356
Description  pi-topPROTO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14356 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14356 Datasheet HTML 1Page - SparkFun Electronics DEV-14356 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
pi-topPROTO
DEV-14356
 
Description: The pi-topPROTO is a HAT-compatible add-on board for prototyping electronics for
your pi-top or pi-topCEED. With plenty of space available to build circuits that can interact with your
pi-top — as well as a full 40-pin GPIO on top for a desired Raspberry Pi HAT — the pi-topPROTO
makes a great addition to the pi-top family.
To install, simply mount the pi-topPROTO to the modular rail inside of your pi-top and connect it via
the 34-pin GPIO on the internal HUB Board, which can be daisy chained with other add-on boards.


Similar Part No. - DEV-14356

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14352 SPARKFUN-DEV-14352 Datasheet
244Kb / 3P
SparkFun Qwiic Shield for Arduino
10??3??7
More results

Similar Description - DEV-14356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1776 NSC-DS1776 Datasheet
204Kb / 11P
PI-Bus Transceiver
logo
NXP Semiconductors
74F776 PHILIPS-74F776 Datasheet
108Kb / 12P
Pi-bus transceiver
1990 Dec 19
logo
Panasonic Semiconductor
LN38GPP PANASONIC-LN38GPP Datasheet
49Kb / 2P
pi 3.0 mm Series
logo
Texas Instruments
DS1776QML TI1-DS1776QML Datasheet
345Kb / 16P
Pi-Bus Transceiver
logo
API Technologies Corp
51-707-006 APITECH-51-707-006 Datasheet
55Kb / 1P
Pi SOLDER-IN FILTER
51-712-001 APITECH-51-712-001 Datasheet
43Kb / 1P
Pi RESIN SEAL FILTER
51-729-305 APITECH-51-729-305 Datasheet
36Kb / 1P
Pi RESIN SEAL FILTER
51-729-312 APITECH-51-729-312 Datasheet
48Kb / 1P
Pi RESIN SEAL FILTER
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com