Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14430 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14430
Description  SparkFun ESP32 Thing Motion Shield
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14430 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14430 Datasheet HTML 1Page - SparkFun Electronics DEV-14430 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
SparkFunESP32ThingMotionShield
DEV-14430 RoHS
Notice. This product requires other products in order to function properly.
See essential products.
The SparkFun ESP32 Thing Motion Shield is a versatile, motion-sensing addition to our ESP32
Thing. With the Motion Shield’s onboard LSM9DS1 IMU, small movement changes can easily be
detected, while larger movements and time traveled can be detected with the addition of a GPS
module via a large JST port. In addition, we have added breakout pins to attach any serial device, as
well as a microSD card slot to log all of your data. All you need to do is solder on headers, and your
ESP32 Thing Motion Shield will be ready to detect any type of movement!
The LSM9DS1 is one of only a handful of ICs that can measure three key properties of movement —
angular velocity, acceleration and heading — in a single IC. By measuring these three properties,
you can gain a great deal of knowledge about an object’s movement and orientation. The LSM9DS1
measures each of these movement properties in three dimensions. That means it produces nine
pieces of data: acceleration in x/y/z, angular rotation in x/y/z and magnetic force in x/y/z.
Each sensor in the LSM9DS1 onboard the Thing Motion Shield supports a wide spectrum of ranges:
the accelerometer’s scale can be set to ± 2, 4, 8 or 16 g; the gyroscope supports ± 245, 500 and
2000 °/s; and the magnetometer has full-scale ranges of ± 4, 8, 12 or 16 gauss.


Similar Part No. - DEV-14430

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14431 SPARKFUN-DEV-14431 Datasheet
121Kb / 2P
Onion Omega2 IoT Computer
DEV-14438 SPARKFUN-DEV-14438 Datasheet
96Kb / 2P
Arduino Dock R2 for Onion Omega
More results

Similar Description - DEV-14430

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13116 SPARKFUN-DEV-13116 Datasheet
115Kb / 1P
SparkFun Spectrum Shield
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
SparkFun LiPower Shield
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
DEV-14153 SPARKFUN-DEV-14153 Datasheet
256Kb / 2P
SparkFun ESP32 Thing Environment Sensor Shield
7??0??7
DEV-14155 SPARKFUN-DEV-14155 Datasheet
170Kb / 2P
SparkFun ESP32 Thing Power Control Shield
6??2??7
PRT-14311 SPARKFUN-PRT-14311 Datasheet
85Kb / 1P
ESP32 Thing Stackable Header Set
6??2??7
WRL-13711 SPARKFUN-WRL-13711 Datasheet
164Kb / 2P
SparkFun ESP8266 Thing - Dev Board
11/17/2015
WRL-13804 SPARKFUN-WRL-13804 Datasheet
127Kb / 2P
SparkFun ESP8266 Thing - Dev Board (with Headers)
6??0??7
WRL-15006 SPARKFUN-WRL-15006 Datasheet
205Kb / 2P
SparkFun LoRa Gateway - 1-Channel (ESP32)
11??0??8
WRL-15435 SPARKFUN-WRL-15435 Datasheet
177Kb / 2P
SparkFun Thing Plus - XBee3 Micro (U.FL)
8??8??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com