Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14430 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14430
Description  SparkFun ESP32 Thing Motion Shield
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14430 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14430 Datasheet HTML 1Page - SparkFun Electronics DEV-14430 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
3 acceleration channels, 3 angular rate channels, 3 magnetic field channels
±2/±4/±8/±16 g linear acceleration full scale
±4/±8/±12/±16 gauss magnetic full scale
±245/±500/±2000 dps angular rate full scale
SPI / I2C serial interfaces
Operating Voltage: 3.3V
microSD Card Slot
JST Connector for GPS UART
                                               https://www.sparkfun.com/products/14430 11‐20‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com