Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14484 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14484
Description  SparkFun gator:bit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14484 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14484 Datasheet HTML 1Page - SparkFun Electronics DEV-14484 Datasheet HTML 2Page - SparkFun Electronics DEV-14484 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SparkFun gator:bit
DEV-14484 ROHS
The SparkFun gator:bit is an all-in-one “carrier” board for your micro:bit that provides
you with a fully functional development and prototyping platform. Almost every pin on
the micro:bit is broken out to pads that alligator (or crocodile, if you prefer) clips so you
can get the most out of it! Whether it is data visualization using the five on-board
addressable LEDs, capacitive touch sensing on pins 0, 1, & 2, or creating musical works
of art using the built-in speaker we’ve got it covered with the with the SparkFun
gator:bit!
The major benefit of gator:bit that we have provided is safe access to as many GPIO as
possible from the micro:bit. Not only are pins 0, 1, 2, 8, 16, 5 (Button A), and 11 (Button
B) broken out, but they are also protected against over voltage and over current/short
circuit. Pins 0, 1, and 2 are ADC pins and are also the capacitive touch pins. Pins 8, 16,
5, and 11 are digital pins capable of read and write. Additionally, pins 13 (SPI), 14(SPI),
15(SPI), 19 (I2C), and 20 (I2C) can be used to read and write whatever digital signals
you could want. We go into much more detail about each pin and other attributes (like
supplying voltage out, light, and sound) in the SparkFun gator:bit Guide found below.
Make sure to check that out!


Similar Part No. - DEV-14484

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14483 SPARKFUN-DEV-14483 Datasheet
216Kb / 3P
SparkFun AST-CAN485 Dev Board
3????8
More results

Similar Description - DEV-14484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KIT-14007 ETC2-KIT-14007 Datasheet
81Kb / 1P
SparkFun PiRetrocade
logo
SparkFun Electronics
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
SparkFun LiPower Shield
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
DEV-14213 SPARKFUN-DEV-14213 Datasheet
170Kb / 2P
SparkFun moto:bit
6??6??7
DEV-14214 SPARKFUN-DEV-14214 Datasheet
186Kb / 2P
SparkFun weather:bit
6??6??7
DEV-14215 SPARKFUN-DEV-14215 Datasheet
103Kb / 2P
SparkFun gamer:bit
6??6??7
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15162 SPARKFUN-DEV-15162 Datasheet
177Kb / 3P
SparkFun gator:bit v2.0 - micro:bit Carrier Board
2??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
SEN-13968 SPARKFUN-SEN-13968 Datasheet
178Kb / 2P
SparkFun OpenPIR
5????7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com