Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14484 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14484
Description  SparkFun gator:bit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14484 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14484 Datasheet HTML 1Page - SparkFun Electronics DEV-14484 Datasheet HTML 2Page - SparkFun Electronics DEV-14484 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Each SparkFun gator:bit can be powered from 2.7V - 9V giving you quite a range of
powering options. There are two ways of powering your gator:bit, either from the JST
battery terminal or the alligator clip pads labeled “VIN”. Any voltage input between 2.7V
and 9V will be regulated to 3.3V to power the micro:bit, the speaker, and for use by any
of the alligator clip pins.
Even without any external hardware the gator:bit is still an exploratory development
board for micro:bit allowing the easiest access to it for educators, beginners, and pro-
makers alike.
The micro:bit is a pocket-sized computer that lets you get creative with digital
technology. Between the micro:bit and our shield-like bit boards you can do almost
anything while coding, customizing and controlling your micro:bit from almost anywhere!
You can use your micro:bit for all sorts of unique creations, from robots to musical
instruments and more. At half the size of a credit card, this versatile board has vast
potential!
Note: The SparkFun gator:bit does NOT include a micro:bit board. The micro:bit will
need to be purchased separately.
FEATURES
micro:bit card edge connector
Input voltage: 2.7V - 9V
5 built in addressable LEDs
Built in buzzer
5V output
3.3V output
7 protected input/output pins
3 pins for SPI communication
2 pins for I2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com