Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14525 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14525
Description  SparkFun RedBoard Edge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14525 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14525 Datasheet HTML 1Page - SparkFun Electronics DEV-14525 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
SparkFun RedBoard Edge
DEV-14525 ROHS
 
The SparkFun RedBoard Edge is a nifty little rework of the SparkFun RedBoard designed to be
panel mounted in your custom project enclosure to allow for an easy way to make a clean, finished
looking product. It has all the features of a normal RedBoard and is just as easy to use, even
allowing you to prototype on a RedBoard and easily move your project over to a RedBoard Edge
without complication. If you want an excellent learning platform for physical computing the SparkFun
RedBoard Edge is still a cutting-edge choice!
With the RedBoard Edge, we’ve rearranged the original RedBoard to include everything “user-
facing” on one side of the board and everything “project-facing” on the other side of the board. On
the user-facing side, you will find the 2.1mm barrel jack, a micro USB port, a right angle power
switch, four status LEDs (RX, TX, Pin 13, & PWR), and a reset button. Meanwhile, on the project-
facing side there is a two port screw terminal, a Qwiic connector, as well as pins that have been
grouped by function (PWM, ADC, SPI), with power rails for 5V and Ground running parallel to each
grouping. There are also 4-pin power rails for 5V and 3.3V right next to the 5mm 2-pin screw
terminal which is connected to VIN through the Toggle Switch on the front of the board. One of the
coolest things about the RedBoard Edge is the ability to ground the board to your enclosure through
the standoffs next to the barrel jack and screw terminal. You can choose to connect your enclosure
ground to either the USB shield or the board’s ground, or both!


Similar Part No. - DEV-14525

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14531 SPARKFUN-DEV-14531 Datasheet
227Kb / 2P
Pioneer IoT Add?륮n Shield
2????8
DEV-14546 SPARKFUN-DEV-14546 Datasheet
203Kb / 2P
LilyPad E?륲ewing ProtoSnap
12??1??7
More results

Similar Description - DEV-14525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KIT-14007 ETC2-KIT-14007 Datasheet
81Kb / 1P
SparkFun PiRetrocade
logo
SparkFun Electronics
DEV-13158 SPARKFUN-DEV-13158 Datasheet
106Kb / 1P
SparkFun LiPower Shield
WRL-12847 SPARKFUN-WRL-12847 Datasheet
94Kb / 1P
SparkFun XBee Shield
DEV-14213 SPARKFUN-DEV-14213 Datasheet
170Kb / 2P
SparkFun moto:bit
6??6??7
DEV-14214 SPARKFUN-DEV-14214 Datasheet
186Kb / 2P
SparkFun weather:bit
6??6??7
DEV-14215 SPARKFUN-DEV-14215 Datasheet
103Kb / 2P
SparkFun gamer:bit
6??6??7
DEV-14484 SPARKFUN-DEV-14484 Datasheet
197Kb / 3P
SparkFun gator:bit
5??5??8
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
SEN-13968 SPARKFUN-SEN-13968 Datasheet
178Kb / 2P
SparkFun OpenPIR
5????7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com