Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-14525 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14525
Description  SparkFun RedBoard Edge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14525 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14525 Datasheet HTML 1Page - SparkFun Electronics DEV-14525 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Like the SparkFun RedBoard, The RedBoard Edge can be programmed over a micro USB cable
using the Arduino IDE: Just plug in the board, select “Arduino UNO” from the board menu and you’re
ready to upload code. The Edge can handle anything from 7 to 15VDC and you can still power it
over USB or through the barrel jack.
 
FEATURES 
ATmega328 microcontroller with Optiboot (UNO) Bootloader
Input voltage - 7-15V
0-5V outputs with 3.3V compatible inputs
14 Digital I/O Pins (6 PWM outputs)
6 Analog Inputs
ISP Header
32k Flash Memory
16MHz Clock Speed
Panel Mount Design
micro USB Port
Qwiic Connector
 
 
 
                                              https://www.sparkfun.com/products/14525 6‐4‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com