Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0832100 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0832100
Description  Conductor marking - UCT-WMCO 1,9 (23X4)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0832100 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0832100 Datasheet HTML 1Page - PHOENIX CONTACT 0832100 Datasheet HTML 2Page - PHOENIX CONTACT 0832100 Datasheet HTML 3Page - PHOENIX CONTACT 0832100 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0832100
09/11/2020   Page 1 / 4
Conductor marking - UCT-WMCO 1,9 (23X4) - 0832100
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Conductor marking, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK LASER,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME, THERMOMARK
CARD 2.0, THERMOMARK CARD, mounting type: clip on, cable diameter range: 1.1 ... 1.9 mm, lettering field
size: 23 x 4 mm, Number of individual labels: 24
Your advantages
 The UCT-WMCO ... UniCard labeling range includes markers for the subsequent labeling of conductors by simply snapping on
 Large-surface labeling option in a space-saving design
 Labeling service: Phoenix Contact can custom-label all UniCard markers according to your requirements
 Secure tight fit even in the event of vibrations
 The format automatically ensures printing with a high degree of positioning accuracy
Key Commercial Data
Packing unit
9 pc
Minimum order quantity
9 pc
GTIN
GTIN
4055626258591
Technical data
Dimensions
Length (b)
23 mm
Width (a)
4 mm
Cable diameter
1.1 mm ... 1.9 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in the
original packaging is recommended.
General
Color
white
Type
Card form


Similar Part No. - 0832100

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0832101 PHOENIX-0832101 Datasheet
189Kb / 6P
UCT-WMCO 2,9 (23X4) - Wire marking
0832102 PHOENIX-0832102 Datasheet
189Kb / 6P
UCT-WMCO 3,5 (23X4) - Wire marking
0832103 PHOENIX-0832103 Datasheet
189Kb / 6P
UCT-WMCO 4,1 (23X4) - Wire marking
0832104 PHOENIX-0832104 Datasheet
191Kb / 6P
UCT-WMCO 4,7 (23X4) - Wire marking
0832105 PHOENIX-0832105 Datasheet
188Kb / 6P
UCT-WMCO 5,4 (23X8) - Wire marking
More results

Similar Description - 0832100

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803312 PHOENIX-0803312 Datasheet
51Kb / 2P
These conductor marking systems consist of marker carriers and insert labels
0830765 PHOENIX-0830765 Datasheet
53Kb / 2P
Snap-in markers - UCT-EM (7X10)
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0803342 PHOENIX-0803342 Datasheet
47Kb / 2P
Magazine - TMP-UCT-MAG1
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0826572 PHOENIX-0826572 Datasheet
53Kb / 3P
Carrier for conductor marking collar - SD-WMTB (47X10) VA
09/11/2020
0826598 PHOENIX-0826598 Datasheet
53Kb / 3P
Carrier for conductor marking collar - SD-WMTB (92X10) VA
09/11/2020
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
1013575 PHOENIX-1013575 Datasheet
53Kb / 3P
Conductor marking collar - LBHZ 2/WH:UNBEDRUCKT
09/11/2020
1014086 PHOENIX-1014086 Datasheet
55Kb / 3P
Cable marker - UCT-WMTBA (40X17)
09/11/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com