Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0832100 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0832100
Description  Conductor marking - UCT-WMCO 1,9 (23X4)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0832100 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0832100 Datasheet HTML 1Page - PHOENIX CONTACT 0832100 Datasheet HTML 2Page - PHOENIX CONTACT 0832100 Datasheet HTML 3Page - PHOENIX CONTACT 0832100 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0832100
09/11/2020   Page 2 / 4
Conductor marking - UCT-WMCO 1,9 (23X4) - 0832100
Technical data
General
Components
free from silicone, halogen, and cadmium
Flammability rating according to UL 94
V0
Material
PC
RoHS compliant
Yes
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
24
Number of individual labels per row
8
Test for substances that would hinder coating with paint or varnish
VW PV 3.10.7:2005-02
Result
Test passed
Test specification weathering-resistance
Following ISO 4892-2:2013-03
Test duration
96 h
Result of weather resistance test
Test passed
Salt spray test specification
DIN EN 60068-2-11:2000-02
Salt spray testing result
Test passed
Wipe resistance of test specification inscriptions
DIN EN 61010-1 (VDE 0411-1):2011-07
Result of wipe resistance test
Test passed
Marking mounting type
clip on
Result
Test passed
Oxygen index (DIN EN ISO 4589-2)
32.4 %
R22
HL 1 - HL 3
R23
HL 1 - HL 3
R24
HL 1 - HL 3
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Flammability rating according to UL 94
V0
Classifications
eCl@ss
eCl@ss 10.0.1
27400401
eCl@ss 4.0
27061700
eCl@ss 4.1
27061700
eCl@ss 5.0
27400400
eCl@ss 5.1
27400400
eCl@ss 6.0
27400400
eCl@ss 7.0
27400401
eCl@ss 9.0
27400401
ETIM
ETIM 3.0
EC000761



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com