Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC53508 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 17Page - Texas Instruments DAC53508 Datasheet HTML 18Page - Texas Instruments DAC53508 Datasheet HTML 19Page - Texas Instruments DAC53508 Datasheet HTML 20Page - Texas Instruments DAC53508 Datasheet HTML 21Page - Texas Instruments DAC53508 Datasheet HTML 22Page - Texas Instruments DAC53508 Datasheet HTML 23Page - Texas Instruments DAC53508 Datasheet HTML 24Page - Texas Instruments DAC53508 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
8.4 Device Functional Modes
The DACx3508 has two modes of operation: normal and power-down.
8.4.1 Power-Down Mode
The DACx3508 DAC output amplifiers can be independently or globally powered down (10 kΩ to AGND) through
the DEVICE_CONFIG register. In this state, the device consumes 50 µA (VDD = 1.8 V). At power-up, all output
channels buffer amplifiers start in power down (10 kΩ-AGND) mode until a power up command is issued by
writing 0 to the per-channel power-down register bits.
8.5 Programming
8.5.1 Serial Peripheral Interface (SPI)
The DACx3508 supports a three-wire SPI interface with write-only functionality. An SPI write cycle for DACx3508
is initiated by asserting the SYNC pin low. The serial clock, SCLK, can be a continuous or gated clock. SDI data
are clocked on SCLK falling edges. The SPI frame for DACx3508 is 24 bits long; therefore, the SYNC pin must
stay low for at least 24 SCLK falling edges. The write cycle ends when the SYNC pin is deasserted high. If the
write cycle contains less than the minimum clock edges, the communication is ignored. If the write cycle contains
more than the minimum clock edges, only the first 24 bits are used by the device.
Table 8-1 describes the format for the 24-bit SPI write access cycle. The first byte input to SDI is the instruction
cycle. The instruction cycle identifies the request as the 8-bit address to be written. The last 16 bits in the cycle
form the data cycle.
Table 8-1. SPI Write Access Cycle
BIT
FIELD
DESCRIPTION
23-16
A[7:0]
Register address: specifies the register to be accessed during the write operation.
15-0
DI[15:0]
Data cycle bits: The data cycle bits are the values written to the register with
address A[7:0].
www.ti.com
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com