Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC53508 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 3 Page - Texas Instruments

  DAC53508 Datasheet HTML 1Page - Texas Instruments DAC53508 Datasheet HTML 2Page - Texas Instruments DAC53508 Datasheet HTML 3Page - Texas Instruments DAC53508 Datasheet HTML 4Page - Texas Instruments DAC53508 Datasheet HTML 5Page - Texas Instruments DAC53508 Datasheet HTML 6Page - Texas Instruments DAC53508 Datasheet HTML 7Page - Texas Instruments DAC53508 Datasheet HTML 8Page - Texas Instruments DAC53508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Device Comparison Table
DEVICE
RESOLUTION
DAC53508
10-Bit
DAC43508
8-Bit
6 Pin Configurations and Functions
1
VOUTA
12
VOUTH
2
VOUTB
11
VOUTG
3
VOUTC
10
VOUTF
4
VOUTD
9
VOUTE
Not to scale
Thermal Pad
Figure 6-1. RTE (16-Pin WQFN) Package, Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VOUTA
Output
Analog voltage output from DAC channel A.
2
VOUTB
Output
Analog voltage output from DAC channel B.
3
VOUTC
Output
Analog voltage output from DAC channel C.
4
VOUTD
Output
Analog voltage output from DAC channel D.
5
SDIN
Input
SPI data input.
6
SCLK
Input
SPI clock input.
7
SYNC
Input
SPI chip select input (active low).
8
LDAC
Input
Load DAC (active low) input for synchronous output update, simultaneous output update, or both.
9
VOUTE
Output
Analog voltage output from DAC channel E.
10
VOUTF
Output
Analog voltage output from DAC channel F.
11
VOUTG
Output
Analog voltage output from DAC channel G.
12
VOUTH
Output
Analog voltage output from DAC channel H.
13
VDD
Power
Power supply input (1.8 V to 5.5 V).
14
AGND
Ground
Ground reference for all circuitry on the device.
15
VREFIN
Power
External reference input. To use VDD as the reference, connect this pin to VDD.
16
CLR
Input
Asynchronous output clear input (active low).
—
Thermal Pad
Ground
Connect thermal pad to AGND.
www.ti.com
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com