Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15083 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15083
Description  SparkFun Qwiic Twist - RGB Rotary Encoder Breakout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15083 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15083 Datasheet HTML 1Page - SparkFun Electronics DEV-15083 Datasheet HTML 2Page - SparkFun Electronics DEV-15083 Datasheet HTML 3Page - SparkFun Electronics DEV-15083 Datasheet HTML 4Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SparkFun Qwiic Twist - RGB Rotary Encoder Breakout
DEV-15083
The SparkFun Qwiic Twist is a digital RGB rotary encoder breakout that is also able to connect to
our Qwiic Connect System. The Twist takes care of all the various interrupts, switches, PWM'ing of
LEDs, and presents all those features over an easy-to-use I2C interface. The Qwiic Twist was
designed to get rid of the large mass of wires that are needed to implement an RGB encoder in a
breadboard enabling you to stop messing around with interrupt debugging and get back to your
project! Utilizing our handy Qwiic system, no soldering is required to connect it to the rest of your
system. However, we still have broken out 0.1"-spaced pins in case you prefer to use a breadboard.
One rotation in the clockwise direction for the rotary encoder increases the overall count by 24 and -
24 in the counter-clockwise direction. The number of ‘ticks’ or steps you have turned the knob are all
transmitted over I2C. The red, green, and blue LEDs are all set via software commands and can be
digitally mixed to achieve over 16 million colors!


Similar Part No. - DEV-15083

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15046 SPARKFUN-DEV-15046 Datasheet
191Kb / 3P
SmartLED Shield V4 for Teensy
11??2??8
DEV-15096 SPARKFUN-DEV-15096 Datasheet
1Mb / 3P
SparkFun Serial Basic Breakout - CH340C and USB-C
12??8??8
More results

Similar Description - DEV-15083

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
GPS-14414 SPARKFUN-GPS-14414 Datasheet
195Kb / 3P
SparkFun GPS Breakout - XA1110 (Qwiic)
10??3??7
GPS-15193 SPARKFUN-GPS-15193 Datasheet
190Kb / 2P
SparkFun GPS Breakout - ZOE-M8Q (Qwiic)
4??7??9
LCD-14532 SPARKFUN-LCD-14532 Datasheet
168Kb / 2P
SparkFun Micro OLED Breakout (Qwiic)
1??2??8
LCD-15079 SPARKFUN-LCD-15079 Datasheet
190Kb / 4P
SparkFun Transparent OLED HUD Breakout (Qwiic)
3????9
LCD-15173 SPARKFUN-LCD-15173 Datasheet
130Kb / 2P
SparkFun Transparent Graphical OLED Breakout (Qwiic)
3??5??9
SEN-14539 SPARKFUN-SEN-14539 Datasheet
260Kb / 4P
SparkFun Distance Sensor Breakout - RFD77402 (Qwiic)
4????8
SEN-14686 SPARKFUN-SEN-14686 Datasheet
224Kb / 3P
SparkFun VR IMU Breakout - BNO080 (Qwiic)
5????8
SEN-15440 SPARKFUN-SEN-15440 Datasheet
220Kb / 2P
SparkFun Atmospheric Sensor Breakout - BME280 (Qwiic)
8??8??9
SEN-16474 SPARKFUN-SEN-16474 Datasheet
262Kb / 2P
SparkFun Photodetector Breakout - MAX30101 (Qwiic)
7????0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com