Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15083 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-15083
Description  SparkFun Qwiic Twist - RGB Rotary Encoder Breakout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15083 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-15083 Datasheet HTML 1Page - SparkFun Electronics DEV-15083 Datasheet HTML 2Page - SparkFun Electronics DEV-15083 Datasheet HTML 3Page - SparkFun Electronics DEV-15083 Datasheet HTML 4Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
We designed Qwiic Twist with an indent encoder which gives the user a great ‘clicky’ feel.
Additionally, the encoder has a built in button so the user can select an GUI menu or element by
pressing down on the it. The Qwiic Twist uses a 6mm shaft and works great with our Clear Plastic
Knob listed in the Hookup Accessories below or any other 6mm knob.
We’ve also written an Arduino library for the Qwiic Twist showing off all the different features of the
Twist and for easy interfacing to the breakout including a litany of examples!
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.
FEATURES
Voltage: 3.3V
Current:
o
Approximately 2.8mA LEDs off
o
Approximately 40.6mA with LEDs on 100%
24 ticks per rotation
Clockwise and counterclockwise direction is detected
Software configurable I2C address - up to 111 devices on a single bus
Built-in momentary button
RGB LED controlled via PWM allowing for up to 16M colors
Up to 400kHz I2C communication
Jumpers for address selection, interrupt pull up disable, and I2C pull up disable
I2C Address: 0x3F (Jumper Open, Default), 0x3E (Jumper Closed)
2x Qwiic Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com