Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRC-VIPER Datasheet(PDF) 2 Page - Ultralife Corporation.

Part # MRC-VIPER
Description  AN/PRC-154 Radio Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

MRC-VIPER Datasheet(HTML) 2 Page - Ultralife Corporation.

  MRC-VIPER Datasheet HTML 1Page - Ultralife Corporation. MRC-VIPER Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRC-VIPER Technical Specifications
Part No.
MRC-VIPER
Size (H x W x D - inches)
10 x 5.25 x 3.45
Weight
8 lbs (6.3 kg)
Input Voltage
10-36 Volts
(Appx. 50 watts w/battery
charging @ 40% duty-cycle)
Output Power
20 watts
Frequency Range
225-450 MHz - UHF
Waveform Compatibility
SRW (Soldier Radio Waveform)
JTRS Compliant
Yes
EMI Compliance
MIL-STD-461C
Operating Temperature
-31° to +55° C
Storage Temperature
-51° to +71° C
Immersion
1 Meter
Data Rate
SRW data modes supported
Interfaces
USB
Ethernet
External SAASM (PLGR/DAGR)
GPS
Finish
Black, green anodized
©2014 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice
The information contained herein is for reference only and does not constitute a warranty of performance ULCS-9000-0025_B 5/28/14
www.ultralifecorporation.com/commsys
800-332-5000 | orders@ulbi.com
Follow Us Online:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com